Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S30A-6011BA Datasheet(PDF) 3 Page - SICK AG

Part # S30A-6011BA
Description  SAFETY LASER SCANNERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

S30A-6011BA Datasheet(HTML) 3 Page - SICK AG

  S30A-6011BA Datasheet HTML 1Page - SICK AG S30A-6011BA Datasheet HTML 2Page - SICK AG S30A-6011BA Datasheet HTML 3Page - SICK AG S30A-6011BA Datasheet HTML 4Page - SICK AG S30A-6011BA Datasheet HTML 5Page - SICK AG S30A-6011BA Datasheet HTML 6Page - SICK AG S30A-6011BA Datasheet HTML 7Page - SICK AG S30A-6011BA Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
S30A-6011BA | S3000 Standard
SAFETY LASER SCANNERS
PFHD (mean probability of a dangerous fail-
ure per hour)
8.0 x 10-8 (EN ISO 13849)
TM (mission time)
20 years (EN ISO 13849)
Safe state in the event of a fault
At least one OSSD is in the OFF state.
Functions
Restart interlock
External device monitoring (EDM)
Multiple sampling
Simultaneous monitoring
Contour as a reference
Integrated configuration memory
Measured data output
Safe SICK device communication via EFI
Electrical data
Protection class
II (EN 50178)
Supply voltage Vs
24 V DC (16.8 V DC ... 28.8 V DC)
Power consumption
≤ 0.8 A 1)
≤ 2.3 A 2)
Outputs
Safety outputs (OSSD) 2 x 500 mA
Diagnostic outputs 3 x 100 mA 3)
1) At 24 V DC without output load.
2) At 24 V DC including maximum output load.
3) Freely programmable, e.g. warning field, contamination, reset required.
Mechanical data
Dimensions (W x H x D)
155 mm x 185 mm x 160 mm
Weight
3.3 kg
Housing material
Aluminum die cast
Housing color
RAL 1021 (yellow)
Front screen material
Polycarbonat
Front screen surface finish
Outside with scratch-resistant coating
Ambient data
Enclosure rating
IP65 (EN 60529)
Ambient operating temperature
–10 °C ... +50 °C
Storage temperature
–25 °C ... +50 °C
Vibration resistance
5 g, 10 Hz ... 150 Hz (IEC 61496-1, IEC 61496-3)
Shock resistance
10 g, 16 ms (IEC 61496-1, IEC 61496-3)
Other information
Type of light
Pulsed laser diode
Wave length
905 nm
Detectable remission
1.8 % ... > 1,000 %, reflectors
2017-07-26 11:05:06 | Online data sheet
Subject to change without notice
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
3


Similar Part No. - S30A-6011BA

ManufacturerPart #DatasheetDescription
logo
SICK AG
S30A-6011CA SICK-S30A-6011CA Datasheet
1Mb / 8P
   SAFETY LASER SCANNERS
S30A-6011DA SICK-S30A-6011DA Datasheet
2Mb / 8P
   SAFETY LASER SCANNERS
S30A-6011EA SICK-S30A-6011EA Datasheet
2Mb / 7P
   SAFETY LASER SCANNERS
S30A-6011GB SICK-S30A-6011GB Datasheet
2Mb / 9P
   SAFETY LASER SCANNERS
More results

Similar Description - S30A-6011BA

ManufacturerPart #DatasheetDescription
logo
SICK AG
S30A-7011DA SICK-S30A-7011DA Datasheet
2Mb / 8P
   SAFETY LASER SCANNERS
S30A-7011GB SICK-S30A-7011GB Datasheet
2Mb / 9P
   SAFETY LASER SCANNERS
S30A-7111CL SICK-S30A-7111CL Datasheet
1Mb / 7P
   SAFETY LASER SCANNERS
S30B-2011DA SICK-S30B-2011DA Datasheet
1Mb / 9P
   SAFETY LASER SCANNERS
S30A-6011GB SICK-S30A-6011GB Datasheet
2Mb / 9P
   SAFETY LASER SCANNERS
S30A-7011BA SICK-S30A-7011BA Datasheet
2Mb / 8P
   SAFETY LASER SCANNERS
MICS3-AAAZ40AZ1P01 SICK-MICS3-AAAZ40AZ1P01 Datasheet
907Kb / 7P
   SAFETY LASER SCANNERS
MICS3-AAAZ55AZ1P01 SICK-MICS3-AAAZ55AZ1P01 Datasheet
907Kb / 7P
   SAFETY LASER SCANNERS
S30A-6111CP SICK-S30A-6111CP Datasheet
1Mb / 6P
   SAFETY LASER SCANNERS
S30B-2011CA SICK-S30B-2011CA Datasheet
1Mb / 8P
   SAFETY LASER SCANNERS
S30B-3011BA SICK-S30B-3011BA Datasheet
1Mb / 8P
   SAFETY LASER SCANNERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com