Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXY8021A6U Datasheet(PDF) 10 Page - Motorola, Inc

Part # MPXY8021A6U
Description  Tire Pressure Monitoring Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXY8021A6U Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MPXY8021A6U Datasheet HTML 6Page - Motorola, Inc MPXY8021A6U Datasheet HTML 7Page - Motorola, Inc MPXY8021A6U Datasheet HTML 8Page - Motorola, Inc MPXY8021A6U Datasheet HTML 9Page - Motorola, Inc MPXY8021A6U Datasheet HTML 10Page - Motorola, Inc MPXY8021A6U Datasheet HTML 11Page - Motorola, Inc MPXY8021A6U Datasheet HTML 12Page - Motorola, Inc MPXY8021A6U Datasheet HTML 13Page - Motorola, Inc MPXY8021A6U Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MPXY8021A
Motorola Sensor Device Data
10
SENSOR CHARACTERISTICS (MPXY8021A)
Pressure Transfer Function
kPa = 2.5 x Output ± (Pressure Error)
Output = 8-bit digital pressure measurement (between 0-255)
Pressure Error (±kPa): 50 kPa
≤ P < 250 kPa
T[
°C] \ VDD[V]
2.1
2.5
2.7
3.0
3.3
3.6
40
72.5
72.5
35.0
35.0
35.0
37.5
20
57.5
57.5
30.0
30.0
30.0
35.0
0
57.5
57.5
25.0
25.0
25.0
27.5
25
57.5
57.5
25.0
25.0
25.0
27.5
70
57.5
57.5
27.5
25.0
25.0
27.5
100
72.5
72.5
37.5
37.5
37.5
37.5
125
95.0
92.5
57.5
47.5
47.5
47.5
Pressure Error (±kPa): 250 kPa
≤ P ≤ 450 kPa
T[
°C] \ VDD[V]
2.1
2.5
2.7
3.0
3.3
3.6
40
40.0
40.0
30.0
30.0
30.0
35.0
20
32.5
25.0
20.0
20.0
20.0
25.0
0
30.0
25.0
10.0
10.0
10.0
15.0
25
30.0
25.0
7.5
7.5
7.5
15.0
70
35.0
25.0
10.0
7.5
7.5
15.0
100
40.0
40.0
25.0
25.0
25.0
30.0
125
62.5
60.0
35.0
35.0
35.0
35.0
Pressure Error (±kPa): 450 kPa < P
≤ 637.5 kPa
T[
°C] \ VDD[V]
2.1
2.5
2.7
3.0
3.3
3.6
40
70.0
70.0
40.0
40.0
40.0
40.0
20
55.0
55.0
30.0
30.0
30.0
35.0
0
55.0
55.0
22.5
22.5
22.5
35.0
25
55.0
55.0
22.5
22.5
22.5
35.0
70
55.0
55.0
25.0
25.0
25.0
35.0
100
70.0
70.0
32.5
32.5
32.5
40.0
125
90.0
90.0
47.5
47.5
47.5
52.5
Areas marked in grey indicate the typical operating range.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPXY8021A6U

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXY8021A6U FREESCALE-MPXY8021A6U Datasheet
299Kb / 15P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated, Digital Output
More results

Similar Description - MPXY8021A6U

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP30 INFINEON-SP30 Datasheet
376Kb / 14P
   Tire Pressure Monitoring Sensor SP30
Rev.5 2009-06-30
logo
Motorola, Inc
MPXY8000 MOTOROLA-MPXY8000 Datasheet
142Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated
logo
Microchip Technology
AN238 MICROCHIP-AN238 Datasheet
459Kb / 12P
   Tire Pressure Monitoring (TPM) System
2004
logo
Infineon Technologies A...
SP40T INFINEON-SP40T Datasheet
2Mb / 71P
   Tire Pressure Monitoring Sensor Quality Requirement Category: Automotive
Revision 1.1 2020-05-14
SP370-25-116-0 INFINEON-SP370-25-116-0 Datasheet
501Kb / 2P
   Tire Pressure Sensor
06 / 2012
SP370-23-156-0 INFINEON-SP370-23-156-0 Datasheet
550Kb / 2P
   Tire Pressure Sensor
06 / 2012
SP370-25-106-0 INFINEON-SP370-25-106-0 Datasheet
393Kb / 2P
   Tire Pressure Sensor
06 / 2012
logo
Texas Instruments
TPIC82000 TI1-TPIC82000 Datasheet
832Kb / 92P
[Old version datasheet]   Tire Pressure Monitoring System TX Module
logo
NXP Semiconductors
NTM88JXX5S NXP-NTM88JXX5S Datasheet
817Kb / 39P
   Tire pressure monitor sensor
Rev. 1.1 - 23 June 2023
NTM88HXX5S NXP-NTM88HXX5S_V01 Datasheet
813Kb / 39P
   Tire pressure monitor sensor
Rev. 1.2 - 21 July 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com