Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXY8021A6T1 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MPXY8021A6T1
Description  Tire Pressure Monitoring Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXY8021A6T1 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MPXY8021A6T1 Datasheet HTML 3Page - Motorola, Inc MPXY8021A6T1 Datasheet HTML 4Page - Motorola, Inc MPXY8021A6T1 Datasheet HTML 5Page - Motorola, Inc MPXY8021A6T1 Datasheet HTML 6Page - Motorola, Inc MPXY8021A6T1 Datasheet HTML 7Page - Motorola, Inc MPXY8021A6T1 Datasheet HTML 8Page - Motorola, Inc MPXY8021A6T1 Datasheet HTML 9Page - Motorola, Inc MPXY8021A6T1 Datasheet HTML 10Page - Motorola, Inc MPXY8021A6T1 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Motorola Sensor Device Data
MPXY8021A
7
Operating Range
The limits normally expected in the application which define range of operation.
Characteristic
Symbol
Min
Typ
Max
Units
Supply Voltage
VDD
2.1
3.0
3.3
V
Operating Temperature Range
Standard Temperature Range
TA
TL
40
TH
+125
°C
Pressure Operating Range
MPXY8021A
P637.5
50
637.5
kPa
Supply Current Drain
Standby Mode
−40°C to +85°C
+85°C to +100°C
+100°C to +125°C
Read Mode
−40°C to +125°C
Measure Temperature Mode
−40°C to +125°C
Measure Pressure Mode
−40°C to +10°C
+10°C to +60°C
+60°C to +125°C
ISTBY
ISTBY
ISTBY
IREAD
ITEMP
IPRESS
IPRESS
IPRESS
0.6
0.8
1.5
400
400
1400
1300
1200
0.9
1.2
2.2
600
600
1800
1700
1700
µA
µA
µA
µA
µA
µA
µA
µA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPXY8021A6T1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXY8021A6T1 FREESCALE-MPXY8021A6T1 Datasheet
299Kb / 15P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated, Digital Output
More results

Similar Description - MPXY8021A6T1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP30 INFINEON-SP30 Datasheet
376Kb / 14P
   Tire Pressure Monitoring Sensor SP30
Rev.5 2009-06-30
logo
Motorola, Inc
MPXY8000 MOTOROLA-MPXY8000 Datasheet
142Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated
logo
Microchip Technology
AN238 MICROCHIP-AN238 Datasheet
459Kb / 12P
   Tire Pressure Monitoring (TPM) System
2004
logo
Infineon Technologies A...
SP40T INFINEON-SP40T Datasheet
2Mb / 71P
   Tire Pressure Monitoring Sensor Quality Requirement Category: Automotive
Revision 1.1 2020-05-14
SP370-25-116-0 INFINEON-SP370-25-116-0 Datasheet
501Kb / 2P
   Tire Pressure Sensor
06 / 2012
SP370-23-156-0 INFINEON-SP370-23-156-0 Datasheet
550Kb / 2P
   Tire Pressure Sensor
06 / 2012
SP370-25-106-0 INFINEON-SP370-25-106-0 Datasheet
393Kb / 2P
   Tire Pressure Sensor
06 / 2012
logo
Texas Instruments
TPIC82000 TI1-TPIC82000 Datasheet
832Kb / 92P
[Old version datasheet]   Tire Pressure Monitoring System TX Module
logo
NXP Semiconductors
NTM88JXX5S NXP-NTM88JXX5S Datasheet
817Kb / 39P
   Tire pressure monitor sensor
Rev. 1.1 - 23 June 2023
NTM88HXX5S NXP-NTM88HXX5S_V01 Datasheet
813Kb / 39P
   Tire pressure monitor sensor
Rev. 1.2 - 21 July 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com