Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2MBI75S Datasheet(PDF) 4 Page - Fuji Electric

Part # 2MBI75S
Description  IGBT MODULE ( S-Series ) 2-Pack IGBT 1200V 2X75A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2MBI75S Datasheet(HTML) 4 Page - Fuji Electric

  2MBI75S Datasheet HTML 1Page - Fuji Electric 2MBI75S Datasheet HTML 2Page - Fuji Electric 2MBI75S Datasheet HTML 3Page - Fuji Electric 2MBI75S Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2MBI 75S-120
2-Pack IGBT
1200V
2x75A
Specification is subject to change without notice
September 2000


Similar Part No. - 2MBI75S

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI75S-120 FUJI-2MBI75S-120 Datasheet
299Kb / 4P
   IGBT MODULE
2MBI75S-120 FUJI-2MBI75S-120_10 Datasheet
310Kb / 6P
   IGBT MODULE
More results

Similar Description - 2MBI75S

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI300N-120 FUJI-2MBI300N-120 Datasheet
101Kb / 4P
   1200V 300A 2-Pack IGBT
logo
Nihon Inter Electronics...
PTMB50B12 NIEC-PTMB50B12 Datasheet
130Kb / 3P
   IGBT MODULE Six-Pack 50A 1200V
PTMB75B12 NIEC-PTMB75B12 Datasheet
135Kb / 3P
   IGBT MODULE Six-Pack 75A 1200V
PTMB100B12 NIEC-PTMB100B12 Datasheet
131Kb / 3P
   IGBT MODULE Six-Pack 100A 1200V
logo
KEC(Korea Electronics)
GM200HB06BL KEC-GM200HB06BL Datasheet
374Kb / 2P
   2-PACK IGBT MODULE
GM100HB06BLA KEC-GM100HB06BLA Datasheet
374Kb / 2P
   2-PACK IGBT MODULE
logo
Fuji Electric
6MBI15S-120 FUJI-6MBI15S-120 Datasheet
541Kb / 4P
   IGBT MODULE ( S series)1200V / 15A
logo
Fujitsu Component Limit...
1MBI300S-120 FUJITSU-1MBI300S-120 Datasheet
275Kb / 4P
   1-Pack IGBT 1200V 1x300A
logo
Nihon Inter Electronics...
PTMB50B12C NIEC-PTMB50B12C Datasheet
150Kb / 3P
   IGBT SP series Six-Pack 50A 1200V
PTMB100B12C NIEC-PTMB100B12C Datasheet
145Kb / 3P
   IGBT SP series Six Pack 100A 1200V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com