Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL34A Datasheet(PDF) 5 Page - Formosa MS

Part # GL34A
Description  MINI-MELF General Purpose Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

GL34A Datasheet(HTML) 5 Page - Formosa MS

  GL34A Datasheet HTML 1Page - Formosa MS GL34A Datasheet HTML 2Page - Formosa MS GL34A Datasheet HTML 3Page - Formosa MS GL34A Datasheet HTML 4Page - Formosa MS GL34A Datasheet HTML 5Page - Formosa MS GL34A Datasheet HTML 6Page - Formosa MS GL34A Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Packing information
Item
Tolerance
DO-213AA
Carrier width
Carrier length
Carrier depth
Sprocket hole
13" Reel outside diameter
7" Reel outside diameter
13" Reel inner diameter
7" Reel inner diameter
Feed hole diameter
Sprocket hole position
Punch hole position
Punch hole pitch
Sprocket hole pitch
Embossment center
Reel width
Overall tape thickness
Tape width
P0
P1
E
B
C
d
F
T
W
P
A
D
D
D1
D1
D2
W1
Symbol
0.1
0.1
0.1
min
min
0.5
0.1
0.3
1.0
0.1
0.1
0.1
0.1
0.1
0.1
2.0
2.0
unit:mm
1.50
330
178.00
50
62.00
13.00
1.75
5.50
4.00
4.00
2.00
0.23
12.00
18.00
Page 5
Note:Devices are packed in accor dance with EIA standar RS-481-A and specifications listed above.
1.78
3.90
1.80
Formosa MS
P0
P1
E
B
d
F
W
P
A
D
D1
D2
W1
C
T
GL34A THRU GL34M
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-221101
2008/02/10
2010/03/10
C
7
MINI-MELF General Purpose Rectifier


Similar Part No. - GL34A

ManufacturerPart #DatasheetDescription
logo
Dc Components
GL34A DCCOM-GL34A Datasheet
340Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
logo
PACELEADER INDUSTRIAL
GL34A PACELEADER-GL34A Datasheet
289Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
Formosa MS
GL34A FORMOSA-GL34A Datasheet
66Kb / 2P
   Silicon passivated type
logo
Micro Commercial Compon...
GL34A MCC-GL34A Datasheet
218Kb / 4P
   0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
logo
General Semiconductor
GL34A GE-GL34A Datasheet
80Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED FAST SWITCHING JUNCTION RECTIFIER
More results

Similar Description - GL34A

ManufacturerPart #DatasheetDescription
logo
Sensitron
1N5614 SENSITRON-1N5614_10 Datasheet
54Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5819-1 SENSITRON-1N5819-1 Datasheet
88Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5614 SENSITRON-1N5614 Datasheet
79Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5614 SENSITRON-1N5614_09 Datasheet
54Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
logo
Formosa MS
SM4001 FORMOSA-SM4001_17 Datasheet
93Kb / 7P
   MELF General Purpose Rectifiers
LBS05-QH FORMOSA-LBS05-QH Datasheet
122Kb / 7P
   Chip General Purpose Mini Bridge Rectifier
logo
Welwyn Components Limit...
WRM WELWYN-WRM Datasheet
705Kb / 3P
   Mini Melf Resistors
logo
WILLAS ELECTRONIC CORP
MM4148 WILLAS-MM4148 Datasheet
374Kb / 3P
   Mini Melf Switching diode
MM4148 WILLAS-MM4148 Datasheet
374Kb / 3P
   Mini Melf Switching diode
logo
Rectron Semiconductor
MM4448 RECTRON-MM4448 Datasheet
37Kb / 1P
   mini- MELF SIGNAL DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com