Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFM107 Datasheet(PDF) 5 Page - Formosa MS

Part # HFM107
Description  Chip High Effciency Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

HFM107 Datasheet(HTML) 5 Page - Formosa MS

  HFM107 Datasheet HTML 1Page - Formosa MS HFM107 Datasheet HTML 2Page - Formosa MS HFM107 Datasheet HTML 3Page - Formosa MS HFM107 Datasheet HTML 4Page - Formosa MS HFM107 Datasheet HTML 5Page - Formosa MS HFM107 Datasheet HTML 6Page - Formosa MS HFM107 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Packing information
Item
Tolerance
SMA
Carrier width
Carrier length
Carrier depth
Sprocket hole
13" Reel outside diameter
7" Reel outside diameter
13" Reel inner diameter
7" Reel inner diameter
Feed hole diameter
Sprocket hole position
Punch hole position
Punch hole pitch
Sprocket hole pitch
Embossment center
Reel width
Overall tape thickness
Tape width
P0
P1
E
B
C
d
F
T
W
P
A
D
D
D1
D1
D2
W1
Symbol
0.1
0.1
0.1
min
min
0.5
0.1
0.3
1.0
0.1
0.1
0.1
0.1
0.1
0.1
2.0
2.0
unit:mm
1.50
330.00
178.00
50.00
62.00
13.00
1.75
5.50
4.00
4.00
2.00
0.23
12.00
18.00
P0
P1
E
B
d
F
W
P
A
D
D1
D2
W1
C
T
Page 5
Note:Devices are packed in accor dance with EIA standar RS-481-A and specifications listed above.
2.80
5.00
1.90
Formosa MS
HFM101 THRU HFM107
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121303
2008/02/10
2010/03/10
D
7
Chip High Effciency Rectifiers


Similar Part No. - HFM107

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HFM107 RECTRON-HFM107 Datasheet
27Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Formosa MS
HFM107 FORMOSA-HFM107 Datasheet
69Kb / 2P
   Ultra fast recovery type
HFM107 FORMOSA-HFM107 Datasheet
36Kb / 2P
   Chip Silicon Rectifier - Fast recovery type
logo
WILLAS ELECTRONIC CORP
HFM107 WILLAS-HFM107 Datasheet
596Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
logo
Shenzhen Taychipst Elec...
HFM107 TAYCHIPST-HFM107 Datasheet
3Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
More results

Similar Description - HFM107

ManufacturerPart #DatasheetDescription
logo
Formosa MS
HFM301-BS FORMOSA-HFM301-BS Datasheet
112Kb / 7P
   Chip High Effciency Rectifiers
HFM101-S FORMOSA-HFM101-S Datasheet
58Kb / 7P
   Chip High Effciency Rectifiers
HFM101-MH1 FORMOSA-HFM101-MH1 Datasheet
58Kb / 7P
   Chip High Effciency Rectifiers
HFM201-BS FORMOSA-HFM201-BS Datasheet
98Kb / 7P
   Chip High Effciency Rectifiers
HFM201 FORMOSA-HFM201 Datasheet
59Kb / 7P
   Chip High Effciency Rectifiers
HFM201-S FORMOSA-HFM201-S Datasheet
58Kb / 7P
   Chip High Effciency Rectifiers
HFM101-MS FORMOSA-HFM101-MS Datasheet
59Kb / 7P
   SMD High Effciency Rectifiers
HER201 FORMOSA-HER201_17 Datasheet
102Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER101G FORMOSA-HER101G Datasheet
103Kb / 6P
   Axial Leaded High Effciency Rectifiers
EF10A05F FORMOSA-EF10A05F Datasheet
53Kb / 6P
   Effciency Fast Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com