Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF24 Datasheet(PDF) 4 Page - Formosa MS

Part # SF24
Description  Axial Leaded Super Fast Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SF24 Datasheet(HTML) 4 Page - Formosa MS

  SF24 Datasheet HTML 1Page - Formosa MS SF24 Datasheet HTML 2Page - Formosa MS SF24 Datasheet HTML 3Page - Formosa MS SF24 Datasheet HTML 4Page - Formosa MS SF24 Datasheet HTML 5Page - Formosa MS SF24 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Pinning information
1
2
Pin1
cathode
Pin2
anode
Pin
Simplified outline
Symbol
Page 4
2
1
Taping & bulk specifications for AXIAL devices
52.4mm
A
OFF Center
both sids
1.0mm
6.3mm
Max OFF
Alignment
1.2mm
72mm DIA.
355mm
17mm DIA.
55mm Max.
17mm DIA.
71mm Max.
REEL PACKING
DO-15
4,000
5 mm
380 * 340 * 370
16,000
9.9
AMMO PACKING
DO-15
3,000
260 * 83 * 160
440 * 270 * 340
30,000
14.3
Formosa MS
SF21 THRU SF28
Marking
Type number
Marking code
SF21
SF21
SF22
SF22
SF23
SF23
SF24
SF24
SF25
SF25
SF26
SF26
SF27
SF27
SF28
SF28
Document ID
Issued Date
Revised Date
Revision
Page.
DEVICE
CASE
TYPE
Q'TY 1
(PCS / REEL)
COMPONENT
SPACING
"A" in FIG. A
CARTON
SIZE
Q'TY 2
(PCS / CARTON)
APPROX.
CROSS
WEIGHT(kg)
(m/m)
DEVICE
CASE
TYPE
Q'TY 1
(PCS / BOX)
INNER
BOX SIZE
CARTON
SIZE
Q'TY 2
(PCS / CARTON)
APPROX.
CROSS
WEIGHT(kg)
(m/m)
(m/m)
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
DS-222407
2008/02/10
2010/05/10
C
6
Axial Leaded Super Fast Rectifiers


Similar Part No. - SF24

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF24 MOSPEC-SF24 Datasheet
134Kb / 2P
   POWER RECTIFIERS(2.0A,50-400V)
logo
First Silicon Co., Ltd
SF24 FS-SF24 Datasheet
490Kb / 2P
   Super Fast Rectifiers Reverse Voltage 50V~600V, Forward Current 2.0Amp
logo
EIC discrete Semiconduc...
SF24 EIC-SF24 Datasheet
43Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
Leshan Radio Company
SF24 LRC-SF24 Datasheet
55Kb / 2P
   SUPER FAST DIODES
logo
Rugao Dachang Electroni...
SF24 DACHANG-SF24 Datasheet
120Kb / 2P
   Plastic Super Fast Recover Rectifier
More results

Similar Description - SF24

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SF11G FORMOSA-SF11G Datasheet
144Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF61G FORMOSA-SF61G Datasheet
122Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF21G FORMOSA-SF21G Datasheet
104Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF51G FORMOSA-SF51G Datasheet
122Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF31 FORMOSA-SF31_17 Datasheet
146Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF51 FORMOSA-SF51_17 Datasheet
119Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF11 FORMOSA-SF11_17 Datasheet
138Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF31G FORMOSA-SF31G Datasheet
88Kb / 6P
   Axial Leaded Super Fast Rectifiers
logo
SUNMATE electronic Co.,...
31DF4 SUNMATE-31DF4 Datasheet
162Kb / 2P
   3.0A Axial Leaded Super- Fast Rectifiers
31DF1 SUNMATE-31DF1 Datasheet
117Kb / 2P
   3.0A Axial Leaded Super Fast Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com