Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFM14-M Datasheet(PDF) 2 Page - Formosa MS

Part # SFM14-M
Description  Chip Super Fast Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SFM14-M Datasheet(HTML) 2 Page - Formosa MS

  SFM14-M Datasheet HTML 1Page - Formosa MS SFM14-M Datasheet HTML 2Page - Formosa MS SFM14-M Datasheet HTML 3Page - Formosa MS SFM14-M Datasheet HTML 4Page - Formosa MS SFM14-M Datasheet HTML 5Page - Formosa MS SFM14-M Datasheet HTML 6Page - Formosa MS SFM14-M Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic,
Terminals :Plated terminals, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
SOD-123 / MINI SMA
Weight : Approximated 0.018 gram
Package outline
Page 2
Formosa MS
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Diode junction capacitance
Storage temperature
See Fig.2
8.3ms single half sine-wave (JEDEC methode)
f=1MHz and applied 4V DC reverse voltage
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
C
J
T
STG
A
A
μA
OC
pF
1.0
25
5.0
+175
-65
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 125 C
R
RRM
J
O
10
100
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
High current capability.
High surge current capability.
Glass passivated chip junction.
Features
Tiny plastic SMD package.
Superfast recovery time for switching mode application.
Lead-free parts meet RoHS requirments.
Suffix "-H" indicates Halogen free parts, ex. SFM11-M-H.
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@I =1.0A
F
*5 Maximum Reverse recovery time, note 1
1.0A Surface Mount Super
Fast Rectifiers-50-600V
SFM11-M THRU SFM18-M
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
0.154(3.9)
0.138(3.5)
0.012(0.3) Typ.
0.075(1.9)
0.060(1.5)
0.067(1.7)
0.051(1.3)
0.028(0.7) Typ.
0.028(0.7) Typ.
Dimensions in inches and (millimeters)
SOD-123
Maximum ratings and Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
DS-121401
2008/02/10
2012/10/29
E
7
SFM11-M
SFM12-M
SFM13-M
50
100
150
35
70
105
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
V
F
(V)
*4
SFM14-M
SFM15-M
200
300
140
210
1.70
-55 to +150
SFM16-M
SFM17-M
400
500
280
350
35
50
100
150
200
300
400
500
0.95
1.25
SFM18-M
600
600
420
(C)
O
Operating
temperature
T,
J
Note 1. Reverse recovery time test condition, I =0.5A, I =1.0A, I
=0.25A
FRRR
t
rr
(ns)
*5
Chip Super Fast Rectifiers


Similar Part No. - SFM14-M

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SFM14-M FORMOSA-SFM14-M Datasheet
70Kb / 2P
   Super fast recovery type
logo
PACELEADER INDUSTRIAL
SFM14-M PACELEADER-SFM14-M Datasheet
524Kb / 2P
   SUPER FAST RECOVER TYPE
logo
Formosa MS
SFM14-M FORMOSA-SFM14-M Datasheet
95Kb / 7P
   1.0A Surface Mount Super Fast Rectifiers-50-600V
logo
Microdiode Electronics ...
SFM14-M CHENDA-SFM14-M Datasheet
662Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
SFM14-MH FORMOSA-SFM14-MH Datasheet
80Kb / 2P
   Chip Silicon Rectifier - Super fast recovery type
More results

Similar Description - SFM14-M

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SFM11-MH1 FORMOSA-SFM11-MH1 Datasheet
58Kb / 7P
   Chip Super Fast Rectifiers
SFM21-L FORMOSA-SFM21-L_17 Datasheet
60Kb / 7P
   Chip Super Fast Rectifiers
SFM31-BS FORMOSA-SFM31-BS Datasheet
59Kb / 7P
   Chip Super Fast Rectifiers
SFM21 FORMOSA-SFM21 Datasheet
60Kb / 7P
   Chip Super Fast Rectifiers
SFM21 FORMOSA-SFM21_17 Datasheet
60Kb / 7P
   Chip Super Fast Rectifiers
SFM51 FORMOSA-SFM51_17 Datasheet
59Kb / 7P
   Chip Super Fast Rectifiers
SFM31 FORMOSA-SFM31_17 Datasheet
59Kb / 7P
   Chip Super Fast Rectifiers
SFM21-BS FORMOSA-SFM21-BS Datasheet
63Kb / 7P
   Chip Super Fast Rectifiers
SFM51 FORMOSA-SFM51 Datasheet
59Kb / 7P
   Chip Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com