Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFM15-M Datasheet(PDF) 5 Page - Formosa MS

Part # SFM15-M
Description  Chip Super Fast Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SFM15-M Datasheet(HTML) 5 Page - Formosa MS

  SFM15-M Datasheet HTML 1Page - Formosa MS SFM15-M Datasheet HTML 2Page - Formosa MS SFM15-M Datasheet HTML 3Page - Formosa MS SFM15-M Datasheet HTML 4Page - Formosa MS SFM15-M Datasheet HTML 5Page - Formosa MS SFM15-M Datasheet HTML 6Page - Formosa MS SFM15-M Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Packing information
Item
Tolerance
SOD-123
Carrier width
Carrier length
Carrier depth
Sprocket hole
13" Reel outside diameter
7" Reel outside diameter
13" Reel inner diameter
7" Reel inner diameter
Feed hole diameter
Sprocket hole position
Punch hole position
Punch hole pitch
Sprocket hole pitch
Embossment center
Reel width
Overall tape thickness
Tape width
P0
P1
E
B
C
d
F
T
W
P
A
D
D
D1
D1
D2
W1
Symbol
0.1
0.1
0.1
min
min
0.5
0.1
0.3
1.0
0.1
0.1
0.1
0.1
0.1
0.1
2.0
2.0
unit:mm
1.50
-
178.00
-
62.00
13.00
1.75
3.50
4.00
4.00
2.00
0.23
8.00
11.40
P0
P1
E
B
d
F
W
P
A
D
D1
D2
W1
C
T
Page 5
Note:Devices are packed in accor dance with EIA standar RS-481-A and specifications listed above.
1.90
3.90
1.68
Formosa MS
SFM11-M THRU SFM18-M
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121401
2008/02/10
2012/10/29
E
7
Chip Super Fast Rectifiers


Similar Part No. - SFM15-M

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SFM15-M FORMOSA-SFM15-M Datasheet
70Kb / 2P
   Super fast recovery type
logo
PACELEADER INDUSTRIAL
SFM15-M PACELEADER-SFM15-M Datasheet
524Kb / 2P
   SUPER FAST RECOVER TYPE
logo
Formosa MS
SFM15-M FORMOSA-SFM15-M Datasheet
95Kb / 7P
   1.0A Surface Mount Super Fast Rectifiers-50-600V
logo
Microdiode Electronics ...
SFM15-M CHENDA-SFM15-M Datasheet
662Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
SFM15-MH FORMOSA-SFM15-MH Datasheet
80Kb / 2P
   Chip Silicon Rectifier - Super fast recovery type
More results

Similar Description - SFM15-M

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SFM11-MH1 FORMOSA-SFM11-MH1 Datasheet
58Kb / 7P
   Chip Super Fast Rectifiers
SFM21-L FORMOSA-SFM21-L_17 Datasheet
60Kb / 7P
   Chip Super Fast Rectifiers
SFM31-BS FORMOSA-SFM31-BS Datasheet
59Kb / 7P
   Chip Super Fast Rectifiers
SFM21 FORMOSA-SFM21 Datasheet
60Kb / 7P
   Chip Super Fast Rectifiers
SFM21 FORMOSA-SFM21_17 Datasheet
60Kb / 7P
   Chip Super Fast Rectifiers
SFM51 FORMOSA-SFM51_17 Datasheet
59Kb / 7P
   Chip Super Fast Rectifiers
SFM31 FORMOSA-SFM31_17 Datasheet
59Kb / 7P
   Chip Super Fast Rectifiers
SFM21-BS FORMOSA-SFM21-BS Datasheet
63Kb / 7P
   Chip Super Fast Rectifiers
SFM51 FORMOSA-SFM51 Datasheet
59Kb / 7P
   Chip Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com