Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFM18 Datasheet(PDF) 4 Page - Formosa MS

Part # SFM18
Description  Chip Super Fast Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SFM18 Datasheet(HTML) 4 Page - Formosa MS

  SFM18 Datasheet HTML 1Page - Formosa MS SFM18 Datasheet HTML 2Page - Formosa MS SFM18 Datasheet HTML 3Page - Formosa MS SFM18 Datasheet HTML 4Page - Formosa MS SFM18 Datasheet HTML 5Page - Formosa MS SFM18 Datasheet HTML 6Page - Formosa MS SFM18 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Formosa MS
Pinning information
1
2
2
1
Pin1
cathode
Pin2
anode
Pin
Simplified outline
Symbol
Marking
Type number
Marking code
SFM11
S11
SFM12
S12
SFM13
S13
SFM14
S14
SFM15
S15
SFM16
S16
SFM17
S17
SFM18
S18
Suggested solder pad layout
Dimensions in inches and (millimeters)
A
C
B
B
0.063 (1.60)
A
0.110 (2.80)
C
0.087 (2.20)
PACKAGE
SMA
Page 4
SFM11 THRU SFM18
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121403
2008/02/10
2010/05/10
D
7
Chip
Rectifier
Super Fast


Similar Part No. - SFM18

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SFM18 WEITRON-SFM18 Datasheet
210Kb / 3P
   Surface Mount Super Fast Recovery Rectifiers
logo
SHENZHEN YONGERJIA INDU...
SFM18 WINNERJOIN-SFM18 Datasheet
113Kb / 2P
   Plastic package has Underwriters Laboratory
SFM18 WINNERJOIN-SFM18 Datasheet
113Kb / 2P
   SMA
logo
Rectron Semiconductor
SFM18 RECTRON-SFM18 Datasheet
103Kb / 6P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
WILLAS ELECTRONIC CORP
SFM18-FN3 WILLAS-SFM18-FN3 Datasheet
292Kb / 3P
   1.0A SURFACE MOUNT SUPER FAST RECTIFIERS - 600V
More results

Similar Description - SFM18

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SFM11-L FORMOSA-SFM11-L_17 Datasheet
58Kb / 7P
   Chip Super Fast Rectifier
SFM11-MH FORMOSA-SFM11-MH Datasheet
80Kb / 2P
   Chip Silicon Rectifier - Super fast recovery type
SFM11-L FORMOSA-SFM11-L Datasheet
80Kb / 2P
   Chip Silicon Rectifier - Super fast recovery type
SFM21-L FORMOSA-SFM21-L Datasheet
92Kb / 2P
   Chip Silicon Rectifier - Super fast recovery type
logo
Yangzhou yangjie electr...
SF11 YANGJIE-SF11 Datasheet
145Kb / 2P
   Super Fast Rectifier
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
   SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
   SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
   SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
   SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
   SUPER FAST RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com