Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGFM168C-D2 Datasheet(PDF) 4 Page - Formosa MS

Part # SGFM168C-D2
Description  SMD Super Fast Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SGFM168C-D2 Datasheet(HTML) 4 Page - Formosa MS

  SGFM168C-D2 Datasheet HTML 1Page - Formosa MS SGFM168C-D2 Datasheet HTML 2Page - Formosa MS SGFM168C-D2 Datasheet HTML 3Page - Formosa MS SGFM168C-D2 Datasheet HTML 4Page - Formosa MS SGFM168C-D2 Datasheet HTML 5Page - Formosa MS SGFM168C-D2 Datasheet HTML 6Page - Formosa MS SGFM168C-D2 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Page 4
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Marking
Type number
Marking code
SGFM161C-D2
SF161C
SGFM162C-D2
SF162C
SGFM164C-D2
SF164C
SGFM166C-D2
SF166C
SGFM168C-D2
SF168C
Suggested solder pad layout
L
X1
X2
Y1
C
E
Y2
Pinning information
Simplified outline
Symbol
1
3
2
1
2
3
Document ID
Issued Date
Revised Date
Revision
Page.
SGFM161C-D2
THRU SGFM168C-D2
Dimensions in inches and (millimeters)
C
0.098(2.50)
PACKAGE
D2PAK
E
L
X1
X2
Y1
Y2
0.665(16.90)
0.425(10.80)
0.071(1.80)
0.449(11.40)
0.138(3.50)
0.374(9.50)
SMD Super Fast Rectifiers
DS-121425
2009/02/10
2014/11/05
F
7


Similar Part No. - SGFM168C-D2

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SGFM168C-D2 FORMOSA-SGFM168C-D2 Datasheet
104Kb / 7P
   16.0A Surface Mount Super Fast Rectifiers-50-600V
More results

Similar Description - SGFM168C-D2

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SGFM101C-D2 FORMOSA-SGFM101C-D2_17 Datasheet
60Kb / 7P
   SMD Super Fast Rectifiers
logo
Comchip Technology
CSFC301-G COMCHIP-CSFC301-G_12 Datasheet
63Kb / 2P
   SMD Super Fast Recovery Rectifiers
CSFA101-G COMCHIP-CSFA101-G Datasheet
49Kb / 2P
   SMD Super Fast Recovery Rectifiers
CSFB201-G COMCHIP-CSFB201-G Datasheet
49Kb / 2P
   SMD Super Fast Recovery Rectifiers
SF1005-G COMCHIP-SF1005-G Datasheet
76Kb / 3P
   SMD Super Fast Recovery Rectifiers
CSFC301-G COMCHIP-CSFC301-G Datasheet
50Kb / 2P
   SMD Super Fast Recovery Rectifiers
CSFM101-HF COMCHIP-CSFM101-HF Datasheet
119Kb / 4P
   SMD Super Fast Recovery Rectifiers
CSFB201-G COMCHIP-CSFB201-G_12 Datasheet
63Kb / 2P
   SMD Super Fast Recovery Rectifiers
CSFM101-G COMCHIP-CSFM101-G_12 Datasheet
97Kb / 4P
   SMD Super Fast Recovery Rectifiers
CSFA101-G COMCHIP-CSFA101-G_12 Datasheet
63Kb / 2P
   SMD Super Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com