Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52759SP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M52759SP
Description  UNIFORMITY FOR CRT DISPLAY MONITOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52759SP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M52759SP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M52759SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M52759SP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M52759SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M52759SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M52759SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M52759SP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M52759SP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M52759SP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
UNIFORMITY FOR CRT DISPLAY MONITOR
PROVISINAL INFORMATION
M52759SP
MITSUBISHI <LINEAR IC>
(
/
25 )
VERTICAL BLOCK
Parameter
Symbol
Test conditions
Limits
MIN
TYP
MAX
Unit
V parabola
accuracy 1
V parabola
accuracy 2
V parabola
accuracy 3
V parabola
accuracy 4
V parabola
accuracy 5
V parabola
amplitude 1
V parabola
amplitude 2
V parabola
amplitude 3
V para. freq.
characteristics 1
V para. freq.
characteristics 2
No
AVP1
V
25
20
30
V
GVP1
Vp-p
100
90
110
32
33
AVP2
AVP3
AVP4
AVP5
%
%
%
25
20
30
GVP2
GVP3
Vp-p
Vp-p
FVP1
FVP2
V
V
0.0
-0.1
0.1
0.0
-0.1
0.1
34
35
37
36
38
39
VVP1
VVP2
V
0.0
-0.1
0.1
V
0.0
-0.1
0.1
40
41
42
DVP
-2.2
mV/deg
V para. Vcc.
characteristics 1
V para. Vcc.
characteristics 2
V para.
temperature drift
5.0
3.0
43
44
VUVP1
VUVP2
V
0.0
-0.1
0.1
V
0.0
-0.1
0.1
DUVP
mV/deg
V unbalance. Vcc.
characteristics 1
V unbalance. Vcc.
characteristics 2
V unbalance.
temperature drift
V para. unbalance
control1
UVP1
UVP2
UVP3
V para. unbalance
control2
V para. unbalance
control3
V
V
V
-2.5
0
2.5
µA
µA
-0.3
-5.0
-0.1
-0.3
-5.0
-0.1
µA
-0.3
-5.0
-0.1
51
52
45
46
47
48
49
50
31
0.5
4.5
5.5
2.5
3.5
-2.8
-2.2
-0.3
0.3
2.2
2.8
0
2.4
4.7
0
0.3
4.2
5.2
2.1
2.7
Pin 2 input
current
Pin 3 input
current
Pin 5 input
current
I 2
I 3
I 5
2 fv=70Hz, 3.2Vpp saw wave in 3 3.5V in
4 Measure 5 2.3V in 10 20 11.5V in
2 fv=70Hz, 3.2Vpp saw wave in 3 3.5V in
4 Measure 5 2.3V in 10 20 12.5V in
2 fv=70Hz, 3.2Vpp saw wave in 3 3.5V in
4 Measure 5 3.0V in 10 20 11.5V in
2 fv=70Hz, 3.2Vpp saw wave in 3 3.5V in
4 Measure 5 3.0V in 10 20 12.5V in
2 fv=70Hz, 3.2Vpp saw wave in
3 3.5V in 4 Measure
5 3.0V in
2 fv=185Hz, 3.2Vpp saw wave in
3 3.5V in 4 Measure
5 3.0V in
2 fv=70Hz, 3.2Vpp saw wave in
3 2.8V in 4 Measure
5 1.6V in
2 fv=70Hz, 3.2Vpp saw wave in
3 3.5V in 4 Measure
5 2.3V in
2 fv=70Hz, 3.2Vpp saw wave in
3 4.2V in 4 Measure
5 1.6V in
2 fv=70Hz, 3.2Vpp saw wave in
3 3.5V in 4 Measure
5 2.3V in
2 fv=70Hz, 3.2Vpp saw wave in
3 3.5V in 4 Measure
5 3.0V in
2 fv=70Hz, 3.2Vpp saw wave in
3 3.5V in 4 Measure
5 1.0V in
2 fv=70Hz, 3.2Vpp saw wave in
3 3.5V in 4 Measure
5 2.0V in
2 fv=50Hz, 3.2Vpp saw wave in
3 3.5V in 4 Measure
5 3.0V in
2 4.3V in 3 3.5V in 4 Measure
5 2.3V in
2 5.1V in 3 3.5V in 4 Measure
5 2.3V in
2 1.9V in 3 3.5V in 4 Measure
5 2.3V in
2 2.7V in 3 3.5V in 4 Measure
5 2.3V in
2 3.5V in 3 3.5V in 4 Measure
5 2.3V in
2
3.5V in,measure
3
3.5V in,measure
5
2.3V in,measure
Pin
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
2
3
5
8


Similar Part No. - M52759SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M52759SP RENESAS-M52759SP Datasheet
321Kb / 27P
   Uniformity for CRT Display Monitor
Mar 31, 2008
More results

Similar Description - M52759SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M52759SP RENESAS-M52759SP Datasheet
321Kb / 27P
   Uniformity for CRT Display Monitor
Mar 31, 2008
logo
List of Unclassifed Man...
MTV038 ETC1-MTV038 Datasheet
554Kb / 25P
   On-Screen Display Controller for CRT/LCD Monitor
MTV048 ETC-MTV048 Datasheet
234Kb / 19P
   On-Screen-Display Controller for CRT/LCD Monitor
logo
Mitsubishi Electric Sem...
M61301SP MITSUBISHI-M61301SP Datasheet
293Kb / 25P
   BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M52745SP MITSUBISHI-M52745SP Datasheet
386Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52746SP MITSUBISHI-M52746SP Datasheet
281Kb / 25P
   BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M52742SP MITSUBISHI-M52742SP Datasheet
143Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52742ASP MITSUBISHI-M52742ASP Datasheet
401Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
logo
Renesas Technology Corp
M52742ASP RENESAS-M52742ASP Datasheet
377Kb / 27P
   BUS Controlled 3-Channel Video Preamp for CRT Display Monitor
logo
Mitsubishi Electric Sem...
M52749FP MITSUBISHI-M52749FP Datasheet
185Kb / 25P
   BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com