Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9174AN Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MT9174AN
Description  Digital Subscriber Interface Circuit with RxSB
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9174AN Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MT9174AN Datasheet HTML 1Page - Mitel Networks Corporation MT9174AN Datasheet HTML 2Page - Mitel Networks Corporation MT9174AN Datasheet HTML 3Page - Mitel Networks Corporation MT9174AN Datasheet HTML 4Page - Mitel Networks Corporation MT9174AN Datasheet HTML 5Page - Mitel Networks Corporation MT9174AN Datasheet HTML 6Page - Mitel Networks Corporation MT9174AN Datasheet HTML 7Page - Mitel Networks Corporation MT9174AN Datasheet HTML 8Page - Mitel Networks Corporation MT9174AN Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Preliminary Information
MT9173/74
9-139
15
17
F0o/RCK
Frame Pulse Out/Receive Bit Rate Clock output (Digital). In DN mode a 244 ns
wide negative pulse indicating the end of the active channel times of the device to
allow daisy chaining. In MOD mode provides the receive bit rate clock to the system.
16
19
C4/TCK
Data Clock/Transmit Baud Rate Clock (Digital). A 4.096 MHz TTL compatible clock
input for the MASTER and output for the SLAVE in DN mode. For MOD mode this pin
provides the transmit bit rate clock to the system.
17
21
OSC2
Oscillator Output. CMOS Output.
19
22
OSC1
Oscillator Input. CMOS Input. D.C. couple signals to this pin. Refer to D.C. Electrical
Characteristics for OSC1 input requirements.
20
23
Precan
Precanceller Disable. When held to Logic ’1’, the internal path from LOUT to the
precanceller is forced to VBias thus bypassing the precanceller section. When logic ’0’,
the LOUT to the precanceller path is enabled and functions normally. An internal
pulldown (50 k
Ω) is provided on this pin.
18
1,6,
18,
20,
25
NC
No Connection. Leave open circuit
21
24
LOUT DIS LOUT Disable. When held to logic “1”, LOUT is disabled (i.e., output = VBias). When
logic “0”, LOUT functions normally. An internal pulldown (50 kΩ) is provided on this pin.
22
26
TEST
Test Pin.
Connect to VSS.
23
27
LIN
Receive Signal input (Analog).
24
28
VDD
Positive Power Supply (+5V) input.
Pin Description (continued)
Pin #
Name
Description
24
28


Similar Part No. - MT9174AN

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9174AN MITEL-MT9174AN Datasheet
33Kb / 4P
   ISO2-CMOS ST-BUS??FAMILY Digital Network Interface Circuit with Receive Sync Marker Bit
logo
Zarlink Semiconductor I...
MT9174AN ZARLINK-MT9174AN Datasheet
613Kb / 28P
   Digital Subscriber Interface Circuit with RxSB Digital Network Interface Circuit with RxSB
More results

Similar Description - MT9174AN

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9173 ZARLINK-MT9173 Datasheet
613Kb / 28P
   Digital Subscriber Interface Circuit with RxSB Digital Network Interface Circuit with RxSB
MT9171 ZARLINK-MT9171_06 Datasheet
553Kb / 28P
   Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Mitel Networks Corporat...
MT8971B MITEL-MT8971B Datasheet
390Kb / 20P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Mitel Networks Corporat...
MT9171 MITEL-MT9171 Datasheet
393Kb / 22P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Zarlink Semiconductor I...
MT8930C ZARLINK-MT8930C Datasheet
2Mb / 41P
   Subscriber Network Interface Circuit
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com