Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2032S3S1 Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2032S3S1
Description  General Specifications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2032S3S1 Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2032S3S1 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2032S3S1 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2032S3S1 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2032S3S1 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2032S3S1 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2032S3S1 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2032S3S1 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2032S3S1 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2032S3S1 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Series M
Bushing Mount Miniature Toggles
A56
A
www.nkkswitches.com
External connection must be
made during field installation.
The SP3T model utilizes a
double pole base.
External connection must be
made during field installation.
The DP3T model utilizes a
four pole base.
(out)
(out)
(out)
(out)
(out)
(out)
External
Conn
Common
(in)
Common
(in)
1
2
4
7
10
12
96
3
5
8
11
(out)
63
2
1
4
5
(out)
(out)
External
Conn
Common
(in)
POLES & CIRCUITS
Toggle Position
( ) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Down
Center
Up
Down
Center
Up
SP
M2011
ON
NONE
OFF
2-3
OPEN
OPEN
SPST
SP
M2012
M2013
M2015
M2018
M2019
ON
ON
ON
(ON)
ON
NONE
OFF
NONE
OFF
OFF
ON
ON
(ON)
(ON)
(ON)
2-3
OPEN
2-1
SPDT
DP
M2021
ON
NONE
OFF
2-3 5-6
OPEN
OPEN
DPST
DP
M2022
M2023
M2025
M2028
M2029
ON
ON
ON
(ON)
ON
NONE
OFF
NONE
OFF
OFF
ON
ON
(ON)
(ON)
(ON)
2-3 5-6
OPEN
2-1 5-4
DPDT
3P
M2032
M2033
M2035
M2038
M2039
ON
ON
ON
(ON)
ON
NONE
OFF
NONE
OFF
OFF
ON
ON
(ON)
(ON)
(ON)
2-3 5-6
8-9
OPEN
2-1 5-4
8-7
3PDT
4P
M2042
M2043
M2045
M2048
M2049
ON
ON
ON
(ON)
ON
NONE
OFF
NONE
OFF
OFF
ON
ON
(ON)
(ON)
(ON)
2-3 5-6
8-9 11-12
OPEN
2-1 5-4
8-7 11-10
4PDT
Keyway
Keyway
11
10
12
7
9
4
6
1
3
2
58
(COM)
2
5
(COM)
8
31
64 97
2
5
(COM)
36
2 (COM)
1
3
4
6
1
3
25
(COM)
2 (COM)
3
Note:
Terminal numbers are not actually
on the switch.
For 3 Throw (3-On)
Connected Terminals & Schematic
Pole Model Down Center Up
Down
Center
Up
SP
M2024
M2026
M2027
ON
(ON)
ON
ON
ON
ON
ON
(ON)
(ON)
DP
M2044
M2046
M2047
ON
(ON)
ON
ON
ON
ON
ON
(ON)
(ON)
2-3 5-6
2-3 5-4
2-1 5-4
2-3 5-6
2-3 5-4
2-1 5-4
8-9 11-12
8-9 11-10
8-7 11-10
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
1 (out)
4 (out) 6 (out) 7 (out)
10 (out) 12 (out)
8 (in)
2 (in)
39
511
External
Connection
External
Connection
1 (out)
4 (out) 6 (out) 7 (out)
10 (out) 12 (out)
8 (in)
2 (in)
39
511
External
Connection
External
Connection
1 (out)
4 (out) 6 (out) 7 (out)
10 (out) 12 (out)
8 (in)
2 (in)
39
511
External
Connection
External
Connection


Similar Part No. - M2032S3S1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2032S3S1W40-BA ETC2-M2032S3S1W40-BA Datasheet
343Kb / 10P
   General Specifications
More results

Similar Description - M2032S3S1

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com