Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A758EK107M1CAAE018 Datasheet(PDF) 1 Page - Kemet Corporation

Part # A758EK107M1CAAE018
Description  Polymer Aluminum, 105C LowZ, A758, 100 uF, 20%, 16 V, -55/105C, Lead Spacing = 2.5mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A758EK107M1CAAE018 Datasheet(HTML) 1 Page - Kemet Corporation

  A758EK107M1CAAE018 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - f61a0442-cf09-49b4-9aba-ab986636c7f0
KEMET Part Number: A758EK107M1CAAE018
Polymer Aluminum, 105C LowZ, A758, 100 uF, 20%, 16 V, -55/+105C, Lead Spacing = 2.5mm
Dimensions
D
6.3mm +/-0.5mm
L
8mm +/-1mm
S
2.5mm +/-0.5mm
LL Negative
15mm MIN
LL Positive
19mm MIN
F
0.5mm +/-0.5mm
Packaging Specifications
Packaging: Bulk, Bag
Packaging Quantity: 1000
General Information
Dielectric: Polymer Aluminum
Series: A758
Description: Single Ended, Polymer
Aluminum
RoHS: Yes
Lead: Wire Leads
Specifications
Capacitance: 100 uF
Capacitance Tolerance: 20%
Voltage DC: 16 VDC, 18.4 VDC (Surge)
Temperature Range: -55/+105C
Rated Temperature: 105C
Life:
5000 Hrs (+/-20% Initial
Capacitance, 1.5x DF MAX,
Leakage Within Limit)
Dissipation Factor: 10% 120Hz 20C
Resistance: 18 mOhms (100kHz 20C)
Current: 2900 mAmps (100kHz 105C)
Leakage Current: 240 uA (2min 20C)
Impedance Ratio at -25C: 1.25
Impedance Ratio at -55C: 1.25
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - A758EK107M1CAAE018

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A758EK107M1AAAE016 KEMET-A758EK107M1AAAE016 Datasheet
60Kb / 1P
   Single Ended, Polymer Aluminum
More results

Similar Description - A758EK107M1CAAE018

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A758EK397M0JAAE016 KEMET-A758EK397M0JAAE016 Datasheet
61Kb / 1P
   Polymer Aluminum, 105C LowZ, A758, 390 uF, 20%, 6.3 V, -55/105C, Lead Spacing = 2.5mm
A758EK337M0JAAE016 KEMET-A758EK337M0JAAE016 Datasheet
61Kb / 1P
   Polymer Aluminum, 105C LowZ, A758, 330 uF, 20%, 6.3 V, -55/105C, Lead Spacing = 2.5mm
A758EK157M1AAAE016 KEMET-A758EK157M1AAAE016 Datasheet
61Kb / 1P
   Polymer Aluminum, 105C LowZ, A758, 150 uF, 20%, 10 V, -55/105C, Lead Spacing = 2.5mm
A758EK187M1AAAE016 KEMET-A758EK187M1AAAE016 Datasheet
61Kb / 1P
   Polymer Aluminum, 105C LowZ, A758, 180 uF, 20%, 10 V, -55/105C, Lead Spacing = 2.5mm
A758EK567M0GAAE016 KEMET-A758EK567M0GAAE016 Datasheet
61Kb / 1P
   Polymer Aluminum, 105C LowZ, A758, 560 uF, 20%, 4 V, -55/105C, Lead Spacing = 2.5mm
A758EK477M0EAAE018 KEMET-A758EK477M0EAAE018 Datasheet
61Kb / 1P
   Polymer Aluminum, 105C LowZ, A758, 470 uF, 20%, 2.5 V, -55/105C, Lead Spacing = 2.5mm
A758EK397M0EAAE018 KEMET-A758EK397M0EAAE018 Datasheet
61Kb / 1P
   Polymer Aluminum, 105C LowZ, A758, 390 uF, 20%, 2.5 V, -55/105C, Lead Spacing = 2.5mm
A758EK277M0JAAE018 KEMET-A758EK277M0JAAE018 Datasheet
61Kb / 1P
   Polymer Aluminum, 105C LowZ, A758, 270 uF, 20%, 6.3 V, -55/105C, Lead Spacing = 2.5mm
A758EK567M0EAAE016 KEMET-A758EK567M0EAAE016 Datasheet
61Kb / 1P
   Polymer Aluminum, 105C LowZ, A758, 560 uF, 20%, 2.5 V, -55/105C, Lead Spacing = 2.5mm
A758KK157M1CAAE015 KEMET-A758KK157M1CAAE015 Datasheet
61Kb / 1P
   Polymer Aluminum, 105C LowZ, A758, 150 uF, 20%, 16 V, -55/105C, Lead Spacing = 3.5mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com