Selected language     English  ▼


N-50AAA Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. N-50AAA
Description  Cell Type N-50AAA
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 1 page
background image
Typical Characteristics
Specifications
Cell Type N-50AAA
Dimensions
of
Bare Cell
H
15.0 ±0.3
mm
0.591 ±0.012
inch
D
10.0 ±0.2
mm
0.394 ±0.008
inch
d
5.5
mm
0.217
inch
D
d
Nominal Capacity
50mAh
Nominal Voltage
1.2V
Charging Current
Standard
5mA
Quick
15mA
Charging Time
Standard
14 to 16Hrs.
Quick
4 to 6Hrs.
Ambient
Temperature
Charge
Standard
0°C to +45°C [+32°F to 113°F]
Quick
10°C to +45°C [+50°F to 113°F]
Discharge
-20°C to +60°C [ -4°F to 140°F]
Storage
-30°C to +50°C [ -22°F to 122°F]
Internal Impedance (Av.)
(at. 50% discharge)
55.0m
(at 1000Hz)
Weight
4g/0.14oz
Dimensions(D)
×(H)
(with tube)
Charge
1.6
1.5
1.4
1.3
0
2
4
6
8
10121416
Charge : 5mA
0˚C/32˚F
20˚C/68˚F
45˚C/113˚F
Charge Time (Hrs.)
Charge
1.6
1.5
1.4
1.3
0
20
40
60
80
100
120
140
160
Temperature : 20˚C/68˚F
0.3C
0.1C
Charge Input (%)
Discharge (at low rate)
1.4
1.2
1.0
0.8
0
2
4
6
8
10121416
Charge : 5mA
×16Hrs.
at 20˚C/68˚F
(0.1C)
(0.2C)
(0.5C)
Discharge Time (Hrs.)
Discharge (at high rate)
1.4
1.2
1.0
0.8
0
1020304050607080
Charge : 5mA
×16Hrs.
at 20˚C/68˚F
(2C)
(1C)
Discharge Time (Mins)
Discharge (at high rate)
1.4
1.2
1.0
0.8
0
2
4
6
8
10121416
Change : 5mA
×16Hrs.
at 20˚C/68˚F
(4C)
(8C)
Discharge Time (Mins)
Temperature (Charge & Discharge)
100
80
60
40
-20
-10
0
10
20
30
40
50
60˚C
-4
14
32
50
68
86
104
122
140˚F
Operating Temperature
90
70
50
Charge Characteristics
Discharge Characteristics
Condition Charge : 5mA
×16Hrs.
Discharge : 10mA
(End Volt 1.0V)
10.5
0
× 15.8
0
mm
-0.5
-1
0.41
0
× 0.62
0
inch
-0.02
-0.04




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KR-1100AAUCell Type KR-1100AAU Specifications 1 Sanyo Semicon Device
KFB650CADNICA Cell Type KF-B650 1 Sanyo Semicon Device
CR17335SECELL TYPE CR17335SE SPECIFICATIONS 1 Sanyo Semicon Device
N-3UCell Type N-3U 1 Sanyo Semicon Device
N-150NSCell Type N-150NS 1 Sanyo Semicon Device
RC-2400Cell Type RC-2400 1 Sanyo Semicon Device
WR346153.6V Primary lithium-sulfur dioxide Li-SO2 Power type D-size spiral cell 1 2 List of Unclassifed Manufacturers
RPI-304Photointerrupter double-layer mold type 1 2 3 4 Rohm
C35A35A AUTOMOTIVE RECTIFIER CELL 1 2 Won-Top Electronics
2SA1487SILICON PNP EPITAXIAL PLANER TYPE 1 2 3 Panasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl