Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALP22A331DD450 Datasheet(PDF) 2 Page - Kemet Corporation

Part # ALP22A331DD450
Description  Board Mounting or Solder Tag Terminations
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALP22A331DD450 Datasheet(HTML) 2 Page - Kemet Corporation

  ALP22A331DD450 Datasheet HTML 1Page - Kemet Corporation ALP22A331DD450 Datasheet HTML 2Page - Kemet Corporation ALP22A331DD450 Datasheet HTML 3Page - Kemet Corporation ALP22A331DD450 Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BHC Aerovox
LTD.
-
A L U M I N I U M
E L E C T R O L Y T I C
C A P A C I T
O R S
Board Mounting or Solder Tag Terminations
TECHNICAL DATA
Related documents
DIN 41240 & 41238 & 414916-7
IEC 384-4
Temperature range
Storage -55°C to +85°C
Operating -40°C to +85°C
Environmental classification 40/085/56
Surge voltage
1000 surges (30 seconds) at 85°C with surge voltage
applied. See electrical characteristics.
Charge/discharge
106 cycles at 25°C and rated voltage. One cycle per
second with a time constant of 0.1.
D.C. leakage current
After application of rated d.c. voltage for 5 minutes at
20°C, the d.c. leakage current shall not exceed (0.006
C
R UR +4) µA.
Where C
R is the rated capacitance in µF
and U
R is the rated d.c. voltage.
Vibration
10Hz to 500Hz at 0.75mm or 10g for 3x2hrs duration.
Insulation resistance
> 100M
Ω at 100V d.c., across insulating sleeve.
Voltage proof
> 2500V d.c., across insulating sleeve.
Ripple current
The following values are approximate only, to give an
indication of the effects of frequency and
temperature on ripple current. More accurate data
can be obtained by referring to the Application Notes
available from BHC Aerovox.
FREQUENCY CORRECTION
Capacitors shall withstand the rated r.m.s. ripple
current as given in the tables at upper category
temperature in circulating air. For frequencies other
than those shown the following multipliers should be
applied to the 100Hz ripple current.
RATED
FREQUENCY (Hz)
VOLTAGE d.c.
50
100
500
1k
>10k
0 - 25
0.89
1.0
1.05
1.06
1.07
40 - 160
0.81
1.0
1.28
1.33
1.39
200 - 450
0.75
1.0
1.54
1.70
1.89
TEMPERATURE CORRECTION
For ambient temperatures other than 85°C the
following correction factors should be employed.
AMBIENT TEMPERATURE
FACTOR
30°C
2.5
50°C
2.1
70°C
1.6
85°C
1.0
N.B. The sum of the d.c. and a.c. voltage components
should not exceed the d.c. voltage rating.
Life expectancy
At rated temperature with rated voltage and ripple
current applied.
CAN DIAMETER (mm)
LIFE EXPECTANCY (hours)
25
12000
30
15000
35
18000
40
26000
Capacitor marking
The capacitors are marked with items 1 to 6 from the
following list as a minimum, and as much of the
remaining information as is practical.
1.
Rated capacitance in µF
2.
Rated voltage d.c.
3.
Polarity of terminations
4.
Tolerance on rated capacitance
5.
Date code/Batch code
6.
BHC part number
7.
Environmental classification
Ordering information
For details of ordering see page 70.
ALP/T22 SERIES
49


Similar Part No. - ALP22A331DD450

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALP22A103CB040 KEMET-ALP22A103CB040 Datasheet
60Kb / 1P
   Aluminum Electrolytic, 85C, ALP22, 0.01 F, 20%, 40 V, -40/85C
ALP22A153DE063 KEMET-ALP22A153DE063 Datasheet
61Kb / 1P
   Aluminum Electrolytic, 85C, ALP22, 0.015 F, 20%, 63 V, -40/85C
ALP22A223DD040 KEMET-ALP22A223DD040 Datasheet
61Kb / 1P
   Aluminum Electrolytic, 85C, ALP22, 0.022 F, 20%, 40 V, -40/85C
ALP22A472BB063 KEMET-ALP22A472BB063 Datasheet
61Kb / 1P
   Aluminum Electrolytic, 85C, ALP22, 4700 uF, 20%, 63 V, -40/85C
ALP22A682AB010 KEMET-ALP22A682AB010 Datasheet
391Kb / 10P
   Pin/Solder Tag/Audio Aluminum Electrolytic Capacitors
More results

Similar Description - ALP22A331DD450

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T.020030 VISHAY-T.020030 Datasheet
118Kb / 3P
   Pot Capacitors, Tag Mounting
Revision: 17-Nov-01
T.030090 VISHAY-T.030090 Datasheet
146Kb / 3P
   Pot Capacitors, Tag Mounting
Revision: 21-Feb-02
logo
Kemet Corporation
ALN20S KEMET-ALN20S Datasheet
418Kb / 2P
   4 Pin Solder tag
logo
WECO ELECTRICAL CONNECT...
321-LFS WECO-321-LFS Datasheet
155Kb / 1P
   Screw/solder terminal strip Screw/solder tag connection, side of solder tag closed, pottable
04.19
logo
Vishay Siliconix
T.085120 VISHAY-T.085120 Datasheet
140Kb / 3P
   Pot Capacitors, Tag & Flange Mounting
Revision: 22-Nov-01
DF030070 VISHAY-DF030070 Datasheet
139Kb / 3P
   Feed-Through Capacitors, Tag Mounting
Revision: 21-Nov-01
T.050120 VISHAY-T.050120 Datasheet
137Kb / 3P
   Pot Capacitors, Tag & Flange Mounting
Revision: 21-Jan-02
logo
Hirose Electric
HT-025-1 HIROSE-HT-025-1 Datasheet
305Kb / 5P
   Stripline Mounting Non-reflective Terminations
logo
WECO ELECTRICAL CONNECT...
951-A-LFDS WECO-951-A-LFDS Datasheet
113Kb / 1P
   Screw/solder terminal strip Screw/solder tag connection
05.19
931-A-LFDS WECO-931-A-LFDS Datasheet
117Kb / 1P
   Screw/solder terminal strip Screw/solder tag connection
05.19
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com