Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFR25H Datasheet(PDF) 4 Page - Vishay Siliconix

Part # NFR25H
Description  Fusible, Non-Flammable Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NFR25H Datasheet(HTML) 4 Page - Vishay Siliconix

  NFR25H Datasheet HTML 1Page - Vishay Siliconix NFR25H Datasheet HTML 2Page - Vishay Siliconix NFR25H Datasheet HTML 3Page - Vishay Siliconix NFR25H Datasheet HTML 4Page - Vishay Siliconix NFR25H Datasheet HTML 5Page - Vishay Siliconix NFR25H Datasheet HTML 6Page - Vishay Siliconix NFR25H Datasheet HTML 7Page - Vishay Siliconix NFR25H Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions contact: ff3dresistors@vishay.com
Document Number: 28737
4
Revision: 24-Feb-04
NFR25/25H
Vishay BCcomponents
Fusible, Non-Flammable Resistors
10−1
10−2
10−3
10−4
10−5
10−6
10−1
102
103
1
1
10
P max
(W)
ti (s)
tp/ti = 1000
500
200
100
50
20
10
5
2
NFR25 Pulse on a regular basis; maximum permissible peak pulse power
as a function
of pulse duration (ti), 0.22 Ω ≤ R < 15 Ω.
P
max
()
10−1
10−2
10−3
10−4
10−5
10−6
10−1
102
103
1
1
10
P max
(W)
ti (s)
tp/ti = 1000
100
20
2
NFR25 Pulse on a regular basis; maximum permissible peak pulse power
as a function
of pulse duration (ti), 15 Ω < R ≤ 15 kΩ.
P
max
()
Pulse Loading Capabilities
600
0
10 6
10 5
10 4
10 3
10 2
10 1
1
500
400
300
200
100
V max
(V)
t i (s)
NFR25 Pulse on a regular basis; maximum permissible peak pulse voltage
as
a function of pulse duration (ti).
V
max
()


Similar Part No. - NFR25H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NFR25H VISHAY-NFR25H Datasheet
745Kb / 9P
   Fusible, Non-Flammable Resistors
Revision: 21-Feb-08
NFR25H VISHAY-NFR25H Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H VISHAY-NFR25H Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0001008JA500 VISHAY-NFR25H0001008JA500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0002200JA100 VISHAY-NFR25H0002200JA100 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
More results

Similar Description - NFR25H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NFR25H VISHAY-NFR25H Datasheet
745Kb / 9P
   Fusible, Non-Flammable Resistors
Revision: 21-Feb-08
NFR25H0001008JA500 VISHAY-NFR25H0001008JA500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004707JA500 VISHAY-NFR25H0004707JA500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004707JR500 VISHAY-NFR25H0004707JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004708JR500 VISHAY-NFR25H0004708JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
logo
List of Unclassifed Man...
KH15 ETC-KH15 Datasheet
954Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
KR80 ETC-KR80 Datasheet
897Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
logo
UNIOHM CORPORATION
R-10W UNIOHM-R-10W Datasheet
488Kb / 1P
   Power Type Wire Wound Resistors Non Flammable Wire Wound Resistor
logo
3M Electronics
98NF 3M-98NF Datasheet
273Kb / 2P
   Hi- Strength Non-Flammable 98NF Adhesive
logo
Stackpole Electronics, ...
EWT SEI-EWT Datasheet
286Kb / 4P
   Non-Flammable Edgewound Tubular Wirewound Resistor
08/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com