Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2100-TA Datasheet(PDF) 4 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC2100-TA
Description  POWER DRIVER FOR STEPPER MOTORS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC2100-TA Datasheet(HTML) 4 Page - TRINAMIC Motion Control GmbH & Co. KG.

  TMC2100-TA Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2100-TA Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2100-TA Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2100-TA Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2100-TA Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2100-TA Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2100-TA Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2100-TA Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC2100-TA Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
TMC2100 DATASHEET (Rev. 1.07 / 2017-MAY-15)
4
www.trinamic.com
1 Key Concepts
The TMC2100 is easy to use. It can be configured by seven hardware pins. CPU interaction is not
necessary. The TMC2100 positions the motor based on step and direction signals and the integrated
microPlyer automatically smoothens motion. Basic standby current control can be done by the
TMC2100. Optional feedback signals allow error detection and synchronization. Optionally, current
scaling is possible by providing an analog reference current IREF.
A CPU for configuration, motion control, and diagnostics can be connected, but this is not basically
needed to drive the motor.
Status out
(open drain)
Half Bridge 1
Half Bridge 2
+VM
VS
current
comparator
2 phase
stepper
motor
N
S
Stepper driver
Protection
& diagnostics
sine table
4*256 entry
DAC
x
step multiplier
microPlyer
OA1
OA2
BRA
spreadCycle &
stealthChop
Chopper
VCC_IO
TMC 2100 Standalone
Stepper Motor Driver
Configuration
interface
with TRISTATE
detection
CFG0
CFG1
CFG3
CFG2
sprea
dCycl
e &
stealt
hCho
p
moto
r driv
er
Half Bridge 1
Half Bridge 2
VS
current
comparator
DAC
OB1
OB2
BRB
CLK oscillator/
selector
DIAG0
CLK_IN
Interf
ace
DIAG1
+VIO
DRV_ENN
GNDP
GNDP
F = 60ns spike filter
RS=0R15 allows for
maximum coil
current;
Tie BRA and BRB to
GND for internal
current sensing
TRISTATE configuration
(GND, VCC_IO or open)
opt. ext. clock
10-16MHz
3.3V or 5V
I/O voltage
100n
100n
100n
Index pulse
step & dir input
RS
RS
ISENSE
ISENSE
ISENSE
ISENSE
+VM
DAC Reference
IREF
IREF
IREF
TG
TG
TG
TG
PDD
PMD
TG= toggle with 166K resistor between VCC
and GND to detect open pin
PDD=100k pulldown
PMD=50k to VCC/2
optional current scaling
Standstill
current
reduction
RREF
5VOUT
Optional for internal current
sensing. RREF=9K1 allows for
maximum coil current.
5V Voltage
regulator
charge pump
CPO
CPI
VCP
22n
100n
+VM
5VOUT
VSA
4.7µ
100n
2R2
470n
2R2 and 470n are optional
filtering components for
best chopper precision
VCC
Driver error
CFG4
TG
CFG5
TG
DRV_ENN_CFG6
TG
CFG6
CFG3
Opt. driver
enable input
CFG0
CFG4
CFG5
CFG1
CFG2
CFG1
CFG2
CFG1
CFG2
B.Dwersteg, ©
TRINAMIC 2014
Figure 1.1 TMC2100 standalone driver application diagram
The TMC2100 implements advanced features which are exclusive to TRINAMIC products. These features
contribute toward greater precision and smoother motion in many stepper motor applications.
Particularly, the TMC2100 provides special chopper algorithms in order to reduce engine noise and
react extremely fast to changes in velocity and motor load.
stealthChop™
is a voltage chopper based principle. It guarantees that the motor is absolutely
quiet in standstill and in slow motion, except for noise generated by ball bearings.
The extremely smooth motion is beneficial for many applications.
spreadCycle™
offers smooth operation and great power efficiency over a wide range of speed and
load. The spreadCycle chopper scheme automatically integrates a fast decay cycle
and guarantees smooth zero crossing performance.
microPlyer™
microstep interpolator for obtaining increased smoothness of microstepping.


Similar Part No. - TMC2100-TA

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC2100-LA TRINAMIC-TMC2100-LA Datasheet
1Mb / 46P
   Standalone intelligent Step/Direction driver
TMC2100-LA TRINAMIC-TMC2100-LA Datasheet
1Mb / 48P
   Standalone intelligent Step/Direction driver for two-phase bipolar stepper motor.
More results

Similar Description - TMC2100-TA

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC5130A-TA TRINAMIC-TMC5130A-TA_17 Datasheet
2Mb / 128P
   POWER DRIVER FOR STEPPER MOTORS
TMC261-PA TRINAMIC-TMC261-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC2041-LA TRINAMIC-TMC2041-LA Datasheet
2Mb / 66P
   POWER DRIVER FOR STEPPER MOTORS
TMC262 TRINAMIC-TMC262 Datasheet
1Mb / 58P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130-LA TRINAMIC-TMC2130-LA Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC2224-LA TRINAMIC-TMC2224-LA Datasheet
2Mb / 79P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130_LA TRINAMIC-TMC2130_LA_17 Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC5072 TRINAMIC-TMC5072_17 Datasheet
2Mb / 107P
   POWER DRIVER FOR STEPPER MOTORS
TMC260-PA TRINAMIC-TMC260-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC260 TRINAMIC-TMC260 Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com