Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC5031-LA Datasheet(PDF) 6 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC5031-LA
Description  POWER DRIVER FOR STEPPER MOTORS
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC5031-LA Datasheet(HTML) 6 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC5031-LA Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5031-LA Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5031-LA Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5031-LA Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5031-LA Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5031-LA Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5031-LA Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5031-LA Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5031-LA Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 74 page
background image
TMC5031 DATASHEET (Rev. 1.11 / 2016-APR-28)
6
www.trinamic.com
1.7 coolStep – Load Adaptive Current Control
coolStep drives the motor at the optimum current. It uses the stallGuard2 load measurement
information to adjust the motor current to the minimum amount required in the actual load situation.
This saves energy and keeps the components cool, making the drive an efficient and precise solution.
Benefits are:
-
Energy efficiency
power consumption decreased up to 75%
-
Motor generates less heat
improved mechanical precision
-
Less or no cooling
improved reliability
-
Use of smaller motor
less torque reserve required → cheaper motor does the job
Figure 1.2 shows the efficiency gain of a 42mm stepper motor when using coolStep compared to
standard operation with 50% of torque reserve. coolStep is enabled above 60RPM in the example.
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
0
50
100
150
200
250
300
350
Efficiency
Velocity [RPM]
Efficiency with coolStep
Efficiency with 50% torque reserve
Figure 1.2 Energy efficiency with coolStep (example)


Similar Part No. - TMC5031-LA

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC5031-LA TRINAMIC-TMC5031-LA Datasheet
1Mb / 63P
   Dual, cost-effective controller and driver for up to two 2-phase bipolar stepper motors.
More results

Similar Description - TMC5031-LA

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC5130A-TA TRINAMIC-TMC5130A-TA_17 Datasheet
2Mb / 128P
   POWER DRIVER FOR STEPPER MOTORS
TMC261-PA TRINAMIC-TMC261-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC2041-LA TRINAMIC-TMC2041-LA Datasheet
2Mb / 66P
   POWER DRIVER FOR STEPPER MOTORS
TMC262 TRINAMIC-TMC262 Datasheet
1Mb / 58P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130-LA TRINAMIC-TMC2130-LA Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC2100-LA TRINAMIC-TMC2100-LA_17 Datasheet
1Mb / 48P
   POWER DRIVER FOR STEPPER MOTORS
TMC2224-LA TRINAMIC-TMC2224-LA Datasheet
2Mb / 79P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130_LA TRINAMIC-TMC2130_LA_17 Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC5072 TRINAMIC-TMC5072_17 Datasheet
2Mb / 107P
   POWER DRIVER FOR STEPPER MOTORS
TMC260-PA TRINAMIC-TMC260-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC260 TRINAMIC-TMC260 Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com