Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC5031-LA Datasheet(PDF) 10 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC5031-LA
Description  POWER DRIVER FOR STEPPER MOTORS
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC5031-LA Datasheet(HTML) 10 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC5031-LA Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5031-LA Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5031-LA Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5031-LA Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5031-LA Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5031-LA Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5031-LA Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5031-LA Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5031-LA Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 74 page
background image
TMC5031 DATASHEET (Rev. 1.11 / 2016-APR-28)
10
www.trinamic.com
3 Sample Circuits
The sample circuits show the connection of the external components in different operation and
supply modes. The connection of the bus interface and further digital signals is left out for clarity.
3.1 Standard Application Circuit
VCC_IO
TMC5031
SPI interface
CSN
SCK
SDO
SDI
reference switch
processing
reference switch
processing
Controller 2
5V Voltage
regulator
charge pump
VCP
22n
100n
CLK_IN
+VM
5VOUT
VSA
4.7µ
INT
PP
INT & position
pulse output
VCC
optional
external
clock
12-16MHz
*) For a reliable start-up it is essential that VCC_IO comes up to a minimum of 1.5V before the TMC5031 leaves the reset condition. Therefore,
TRINAMIC recommends using a fast-start-up voltage regulator (e.g. TS3480CX33) in a 3.3V environment.
100n
100n
Controller 1
Full Bridge A
Full Bridge B
+VM
VS
stepper
motor #1
N
S
O1A1
O1A2
BR1A
O1B1
O1B2
Driver 1
100n
BR1B
Full Bridge A
Full Bridge B
stepper
motor #2
N
S
O2A1
O2A2
BR2A
O2B1
O2B2
Driver 2
BR2B
VS
100n
+VM
100µF
TS3480
CX33*)
3.3V
5V
Figure 3.1 Standard application circuit
The standard application circuit uses a minimum set of additional components in order to operate the
motor. Use low ESR capacitors for filtering the power supply capable to cope with the current ripple.
The current ripple often depends on the power supply and cable length. The VCC_IO voltage can be
supplied from 5VOUT, or from a fast startup 3.3V regulator. In order to minimize linear voltage
regulator power dissipation of the internal 5V voltage regulator in applications where VM is high, a
different (lower) supply voltage can be used for VSA, if available. For best motor chopper
performance, an optional R/C-filter de-couples 5VOUT from digital noise cause by power drawn from
VCC.
Basic layout hints
Place sense resistors and all filter capacitors as close as possible to the related IC pins. Use a solid
common GND for all GND connections, also for sense resistor GND. Connect 5VOUT filtering capacitor
directly to 5VOUT and GNDA pin. See layout hints for more details. Low ESR electrolytic capacitors are
recommended for VS filtering.
Attention
In case VSA is supplied by a different voltage source, make sure that VSA does not exceed VS by
more than one diode drop upon power up or power down.


Similar Part No. - TMC5031-LA

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC5031-LA TRINAMIC-TMC5031-LA Datasheet
1Mb / 63P
   Dual, cost-effective controller and driver for up to two 2-phase bipolar stepper motors.
More results

Similar Description - TMC5031-LA

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC5130A-TA TRINAMIC-TMC5130A-TA_17 Datasheet
2Mb / 128P
   POWER DRIVER FOR STEPPER MOTORS
TMC261-PA TRINAMIC-TMC261-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC2041-LA TRINAMIC-TMC2041-LA Datasheet
2Mb / 66P
   POWER DRIVER FOR STEPPER MOTORS
TMC262 TRINAMIC-TMC262 Datasheet
1Mb / 58P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130-LA TRINAMIC-TMC2130-LA Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC2100-LA TRINAMIC-TMC2100-LA_17 Datasheet
1Mb / 48P
   POWER DRIVER FOR STEPPER MOTORS
TMC2224-LA TRINAMIC-TMC2224-LA Datasheet
2Mb / 79P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130_LA TRINAMIC-TMC2130_LA_17 Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC5072 TRINAMIC-TMC5072_17 Datasheet
2Mb / 107P
   POWER DRIVER FOR STEPPER MOTORS
TMC260-PA TRINAMIC-TMC260-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC260 TRINAMIC-TMC260 Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com