Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANT2012LL00R2400A Datasheet(PDF) 2 Page - YAGEO Corporation

Part # ANT2012LL00R2400A
Description  WIRELESS COMPONENTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

ANT2012LL00R2400A Datasheet(HTML) 2 Page - YAGEO Corporation

  ANT2012LL00R2400A Datasheet HTML 1Page - YAGEO Corporation ANT2012LL00R2400A Datasheet HTML 2Page - YAGEO Corporation ANT2012LL00R2400A Datasheet HTML 3Page - YAGEO Corporation ANT2012LL00R2400A Datasheet HTML 4Page - YAGEO Corporation ANT2012LL00R2400A Datasheet HTML 5Page - YAGEO Corporation ANT2012LL00R2400A Datasheet HTML 6Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.yageo.com
Feb. 22, 2013 V1
WIRELESS COMPONENTS
2
2
Product specification
Ceramic Chip Antenna
FEATURES
Compact size
Omni-directional Radiation
Tape & reel automatic
mounting
Reflow process compatible
RoHS compliant
APPLICATIONS
2.4GHz WiFi device
Bluetooth gadget
Zigbee device
ISM band equipment
ORDERING INFORMATION
All part numbers are identified by the series, packing type, material, size,
antenna type, working frequency and packing quantity.
PART NUMBER
ANT 2012 L L00 R 2400A
(1)
(2)
(3) (4)
(5)
(6)
(1) PRODUCT
ANT = Antenna
(2) SIZE
2012 = 2.0 ×1.2 mm
(3) ANTENNA TYPE
L,F,A = Chip Antenna
(4) SERIAL NO.
L00
(5) PACKING STYLE
R = Tape and Reel
(6) WORKING FREQUENCY
2400 = 2.4GHz
PHYCOMP CTC
CAN4311714002454K
12NC
431171400245


Similar Part No. - ANT2012LL00R2400A

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ANT2012LL13R2400A YAGEO-ANT2012LL13R2400A Datasheet
574Kb / 6P
   Ceramic Chip Antenna
More results

Similar Description - ANT2012LL00R2400A

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ANTX200P001B15163 YAGEO-ANTX200P001B15163 Datasheet
466Kb / 7P
   WIRELESS COMPONENTS
ANTX100P001B50003 YAGEO-ANTX100P001B50003 Datasheet
454Kb / 7P
   WIRELESS COMPONENTS
BPF1608LM02R2400A YAGEO-BPF1608LM02R2400A_17 Datasheet
458Kb / 5P
   WIRELESS COMPONENTS
ANT8868LL00R1880A YAGEO-ANT8868LL00R1880A Datasheet
524Kb / 6P
   WIRELESS COMPONENTS
ANT1204F002R0315A YAGEO-ANT1204F002R0315A Datasheet
407Kb / 6P
   WIRELESS COMPONENTS
ANT1212B00DT1575S YAGEO-ANT1212B00DT1575S Datasheet
579Kb / 6P
   WIRELESS COMPONENTS
ANT3216LL15R1575A YAGEO-ANT3216LL15R1575A_17 Datasheet
478Kb / 6P
   WIRELESS COMPONENTS
ANT5010LL04R2400A YAGEO-ANT5010LL04R2400A Datasheet
492Kb / 6P
   WIRELESS COMPONENTS
ANTX100F113B24003 YAGEO-ANTX100F113B24003 Datasheet
511Kb / 6P
   WIRELESS COMPONENTS
ANT1515JB27B1575A YAGEO-ANT1515JB27B1575A Datasheet
365Kb / 5P
   WIRELESS COMPONENTS
ANT1204LL20R0433A YAGEO-ANT1204LL20R0433A Datasheet
813Kb / 6P
   WIRELESS COMPONENTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com