Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2012E2A1 Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2012E2A1
Description  General Specifications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2012E2A1 Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button M2012E2A1 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2012E2A1 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2012E2A1 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2012E2A1 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2012E2A1 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2012E2A1 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2012E2A1 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2012E2A1 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. M2012E2A1 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Series M
Bushing Mount Miniature Toggles
A57
A
www.nkkswitches.com
SMALL TOGGLES
Important:
Toggle length changes
based on bushing selected.
All illustrations are shown
with .350” long bushing.
When using a .280” long
bushing, toggle length
increases .070”.
(5.0)
.197
25°
(21.3)
.840
(2.5)
.098
25°
(2.5)
.098
(6.5)
.256
(4.2)
.165
25°
(14.5)
.571
(4.5)
.177
(3.0) Dia
.118
(5.08)
.200
25°
(2.54)
.100
(11.4)
.450
25°
(3.1) Dia
.122
(14.0)
.550
25°
(3.1) Dia
.122
(16.26)
.640
25°
(3.1) Dia
.122
(21.3)
.840
25°
(3.1) Dia
.122
(16.4)
.646
(21.3)
.840
.550” (14.0mm)
Cone
Q
.640” (16.26mm)
Cone
Q2
.840” (21.3mm)
Cone
Q4
.840” (21.3mm)
Color Capped Cone
Supplied with Cap AT460
Colors: A B C E F G
Material: Polyethylene
D
.450” (11.4mm)
Flatted
E
.256” (6.5mm)
Flatted
E2
.840” (21.3mm)
Flatted
E4
.571” (14.5mm)
Color Tipped Cone
Supplied with Cap AT445
Colors: A B C
Material: Polycarbonate
C
Black
A
Cap Colors
Available:
White
B
Red
C
Yellow
E
Green
F
Blue
G
Only Available in 1- & 2-Pole
Only Available in 1- & 2-Pole
Only Available in 1- & 2-Pole
Only Available in 1- & 2-Pole
Only Available in 1- & 2-Pole
Standard Material & Finish: Brass with Bright Chrome
Contact factory for optional finishes.
.413” (10.5mm)
Bat
S
.200” (5.08mm)
Bat
S2
25°
(2.8) Dia
.110
(10.5)
.413
(2.7) Dia
.106
25°
(5.08)
.200
.256” (6.5mm)
Bat
S3
(6.5)
.256
(2.7) Dia
.106
25°


Similar Part No. - M2012E2A1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2012EA2W40-BA ETC2-M2012EA2W40-BA Datasheet
343Kb / 10P
   General Specifications
M2012ES1W40-BA ETC2-M2012ES1W40-BA Datasheet
343Kb / 10P
   General Specifications
More results

Similar Description - M2012E2A1

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com