Electronic Components Datasheet Search |
|
M2012E2A1 Datasheet(PDF) 8 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
M2012E2A1 Datasheet(HTML) 8 Page - Nihon Kaiheiki Industry Co. Ltd. |
8 / 28 page Series M Bushing Mount Miniature Toggles A59 A www.nkkswitches.com LARGE TOGGLES LARGE BUSHINGS Panel Cutouts Toggle & Bushing Combinations: These toggles combine with the 12mm bushings B1 & B3. 25° (17.5) .689 (6.0) Dia .236 25° (11.5) .453 (6.0) Dia .236 (3.6) .140 25° (15.5) .610 (6.15) .242 (12.0) .472 M12 P1 (4.9) .193 (1.1) .043 (1.85) .073 (18.0) Dia .709 (10.9) .429 M12 P1 (2.0) .079 (12.0) .472 (12.5) Dia .492 (11.1) .437 (12.5) Dia .492 (11.5) .453 (1.5) .060 (9.0) .354 (12.5) Dia .492 (3.0) Dia .118 .689” (17.5mm) Large Bat .453” (11.5mm) Large Bat B B2 .610” (15.5mm) Large Flatted R Large .472” (12.0mm) Threaded Splashproof with D Flat Large .472” (12.0mm) Threaded with Keyway B1 B3 Standard Material & Finish: Brass with Bright Chrome Optional Finishes: Contact factory for satin chrome or black. Maximum Panel Thickness with Standard Hardware: .216” (5.5mm) Maximum Panel Thickness with Standard Hardware: .256” (6.5mm) Standard Hardware for B3: 1 hex face nut AT503M and 1 o-ring AT401P Standard Hardware for B1: 1 hex face nut AT503M, 1 locking ring AT506M, 1 lockwasher AT508, and 1 hex backup nut AT527M For B1 Bushing with Keyway For B1 Bushing with Locking Ring For B3 Bushing with D Flat |
Similar Part No. - M2012E2A1 |
|
Similar Description - M2012E2A1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |