Electronic Components Datasheet Search |
|
MLJ1005WR12KT000 Datasheet(PDF) 1 Page - TDK Electronics |
|
MLJ1005WR12KT000 Datasheet(HTML) 1 Page - TDK Electronics |
1 / 3 page Inductors (Coils) 1 of 3 Creation Date : August 14, 2017 (GMT) MLJ1005WR12KT000 Applications Commercial Grade Feature Shield Magnetic Shield Multilayer Multilayer Ferrite Core Ferrite Core Series | Type MLJ Status Production Brand TDK Size Length(L) 1.00mm ±0.05mm Width(W) 0.50mm ±0.05mm Thickness(T) 0.50mm ±0.05mm Recommended Land Pattern (A) 0.50mm Nom. Recommended Land Pattern (B) 0.40mm Nom. Recommended Land Pattern (C) 0.50mm Nom. Electrical Characteristics Inductance 120nH ±10% at 25MHz Rated Current (L Change) [Typ.] 450mA (10% Down) Rated Current (L Change) [Max.] 380mA (10% Down) Rated Current (Temperature Rise) [Typ.] Rated Current (Temperature Rise) [Max.] 450mA (25°C Rise) DC Resistance [Typ.] 270mΩ DC Resistance [Max.] 390mΩ Self Resonant Frequency [Min.] 460MHz Self Resonant Frequency [Typ.] 740MHz Q [Min.] 15 Q [Typ.] Other Operating Temp. Range (Including Self-Temp. Rise) -55 to 125°C Soldering Method Reflow Iron Soldering AEC-Q200 No Packing Punched (Paper)Taping [180mm Reel] Package Quantity 10000pcs Weight 0.0012g ! Images are for reference only and show exemplary products. ! This PDF document was created based on the data listed on the TDK Corporation website. ! All specifications are subject to change without notice. Copyright(c) TDK Corporation. All rights reserved. |
Similar Part No. - MLJ1005WR12KT000 |
|
Similar Description - MLJ1005WR12KT000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |