Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO3407 Datasheet(PDF) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # AO3407
Description  P- CHANNEL MOSFET in a SOT-23 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

AO3407 Datasheet(HTML) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  AO3407 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. AO3407 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. AO3407 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. AO3407 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. AO3407 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. AO3407 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AO3407
Rev.C Nov.-2015
DATA SHEET
http://www.fsbrec.com
6 / 6
回流焊温度曲线图(无铅) / Temperature Profile for IR Reflow Soldering(Pb-Free)
说明:
Note:
1
、预热温度 25~150℃,时间 60~90sec;
1.Preheating:25~150
℃, Time:60~90sec.
2
、峰值温度 245±5℃,时间持续为 5±0.5sec;
2.Peak Temp.:245
±5℃, Duration:5±0.5sec.
3
、焊接制程冷却速度为 2~10℃/sec.
3. Cooling Speed: 2~10
℃/sec.
耐焊接热试验条件 /
Resistance to Soldering Heat Test Conditions
温度:260±5℃
时间:10±1 sec.
Temp.:260
±5℃
Time:10
±1 sec
包装规格 / Packaging SPEC.
卷盘包装 / REEL
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm
3)
Units/Reel
/卷盘
Reels/Inner Box
卷盘
/盒
Units/Inner Box
/盒
Inner Boxes/Outer Box
/箱
Units/Outer Box
/箱
Reel
Inner Box 盒
Outer Box 箱
SOT-23
3,000
10
30,000
8
240,000
7〞×8
180×120×180
385×257×392
使用说明 / Notices


Similar Part No. - AO3407

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO3407 AOSMD-AO3407 Datasheet
297Kb / 6P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Shenzhen Jin Yu Semicon...
AO3407 HTSEMI-AO3407 Datasheet
1Mb / 3P
   30V P-Channel Enhancement Mode MOSFET
logo
Alpha & Omega Semicondu...
AO3407 AOSMD-AO3407 Datasheet
453Kb / 5P
   30V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO3407 KEXIN-AO3407 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
logo
Kersemi Electronic Co.,...
AO3407 KERSEMI-AO3407 Datasheet
705Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AO3407

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BSS84 FOSHAN-BSS84 Datasheet
750Kb / 6P
   P-CHANNEL MOSFET in a SOT-23 Plastic Package
IRLML6401 FOSHAN-IRLML6401 Datasheet
593Kb / 5P
   P- CHANNEL MOSFET in a SOT-23 Plastic Package
AO3409 FOSHAN-AO3409 Datasheet
784Kb / 7P
   P- CHANNEL MOSFET in a SOT-23 Plastic Package
SI2301 FOSHAN-SI2301 Datasheet
728Kb / 6P
   P- CHANNEL MOSFET in a SOT-23 Plastic Package
SI2321 FOSHAN-SI2321 Datasheet
1Mb / 7P
   P- CHANNEL MOSFET in a SOT-23 Plastic Package
BRM05N50 FOSHAN-BRM05N50 Datasheet
1Mb / 7P
   N- CHANNEL MOSFET in a SOT-23 Plastic Package
AO3420 FOSHAN-AO3420 Datasheet
701Kb / 6P
   N- CHANNEL MOSFET in a SOT-23 Plastic Package
BRM4N10 FOSHAN-BRM4N10 Datasheet
1Mb / 7P
   N-CHANNEL MOSFET in a SOT-23 Plastic Package
AO3400 FOSHAN-AO3400 Datasheet
776Kb / 6P
   N- CHANNEL MOSFET in a SOT-23 Plastic Package
SI2202 FOSHAN-SI2202 Datasheet
943Kb / 6P
   N-CHANNEL MOSFET in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com