Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR50P06 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BR50P06
Description  P-CHANNEL MOSFET in a TO-220 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BR50P06 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BR50P06 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BR50P06 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BR50P06 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BR50P06 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BR50P06 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BR50P06 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BR50P06
Rev.D Nov.-2015
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Drain-Source Voltage
VDSS
-60
V
Drain Current
ID(Tc=25℃)
-50
A
Drain Current
ID(Tc=100℃)
-35.4
A
Pulsed Drain Current
IDM
-200
A
Gate-Source Voltage
VGS
±20
V
Avalanche Energy Single Pulse
EAS
490
mJ
Avalanche Energy Repetitive
EAR
12
mJ
Total Power Dissipation
PD(Tc=25℃)
115
W
Junction Temperature Range
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Zero Gate Voltage Drain Current
BVDSS
VGS=0V
ID=-250μA-60
V
Zero Gate Voltage Drain Current
IDSS
VDS=-60V
VGS=0V
-1.0
μA
VDS=-48V
TC=150℃
-10
Gate-Body Leakage Current
Forward
IGSS
VGS=±20V
VDS=0V
±0.1
μA
Gate Threshold Voltage
VGS(th)
VDS=VGS
ID=-250μA-1
-3
V
Total Gate Charge
Qg
VDS=-48V
ID=-50A
VGS=-10V
32
42
nC
Static Drain-Source
On-Resistance
RDS(on)
VGS=-10V
ID=-25A
0.018
0.022
Diode Forward Voltage
VSD
VGS=0V
IS=-50A
-1.5
V
Input Capacitance
Ciss
VDS=-25V
VGS=0V
f=1.0MHz
1050
1365
pF
Output Capacitance
Coss
460
600
Reverse Transfer Capacitance
Crss
70
90
Turn-On Delay Time
td(on)
VDD=-30V
ID=-25A
RG=25Ω
20
50
ns
Rise Time
tr
100
210
Turn-Off Delay Time
td(off)
80
170
Fall Time
tf
85
180
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - BR50P06

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BR50 NJSEMI-BR50 Datasheet
160Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR50 NJSEMI-BR50 Datasheet
159Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR50 NJSEMI-BR50 Datasheet
161Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR50 NJSEMI-BR50 Datasheet
159Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR50 NJSEMI-BR50 Datasheet
162Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - BR50P06

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BR40P03 FOSHAN-BR40P03 Datasheet
791Kb / 6P
   P-CHANNEL MOSFET in a TO-220 Plastic Package
BR2N60 FOSHAN-BR2N60 Datasheet
865Kb / 6P
   N-CHANNEL MOSFET in a TO-220 Plastic Package
BR80N10 FOSHAN-BR80N10 Datasheet
1Mb / 6P
   N-CHANNEL MOSFET in a TO-220 Plastic Package
BR100N03 FOSHAN-BR100N03 Datasheet
884Kb / 6P
   N-CHANNEL MOSFET in a TO-220 Plastic Package
BR4145 FOSHAN-BR4145 Datasheet
1Mb / 8P
   N-CHANNEL MOSFET in a TO-220 Plastic Package
BR4N60 FOSHAN-BR4N60 Datasheet
971Kb / 6P
   N-CHANNEL MOSFET in a TO-220 Plastic Package
BR7N80 FOSHAN-BR7N80 Datasheet
1Mb / 6P
   N-CHANNEL MOSFET in a TO-220 Plastic Package
BR50N06 FOSHAN-BR50N06 Datasheet
1Mb / 6P
   N-CHANNEL MOSFET in a TO-220 Plastic Package
BR80N08A FOSHAN-BR80N08A Datasheet
930Kb / 6P
   N-CHANNEL MOSFET in a TO-220 Plastic Package
BR40N20 FOSHAN-BR40N20 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET in a TO-220 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com