Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR4145 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BR4145
Description  N-CHANNEL MOSFET in a TO-220 Plastic Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BR4145 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BR4145 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BR4145 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BR4145 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BR4145 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BR4145 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BR4145 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. BR4145 Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd. BR4145 Datasheet HTML 8Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BR4145
Rev.D Nov.-2015
DATA SHEET
http://www.fsbrec.com
2 / 8
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Drain-Source Voltage
VDSS
60
V
Drain Current
ID(Tc=25℃)
±84
A
Drain Current
ID
±215
A
Single Avalanche Current
IAS
32
A
Gate-Source Voltage
VGSS
±20
V
Avalanche Energy Single Pulse
EAS
102
mJ
Total Power Dissipation
PT1(Tc=25℃)
84
W
Total Power Dissipation
PT2(Ta=25℃)
1.5
W
Channel Temperature
Tch
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Zero Gate Voltage Drain Current
IDSS
VDS=60V
VGS=0V
10
μA
Gate-Body Leakage Current
Forward
IGSS
VGS=±20V
VDS=0V
±0.1
μA
Gate Threshold Voltage
VGS(th)
VDS=10V
ID=1.0mA
2.0
3.0
4.0
V
Diode Forward Voltage
VSD
IF=84A
VGS=0V
1.0
1.5
V
Static Drain-Source
On-Resistance
RDS(on)
VGS=10V
ID=42A
7
10
mΩ
Forward Transconductance
gFS
VDS=10V
ID=30A
16
31
S
Input Capacitance
Ciss
VDS=10V
VGS=0V
f=1.0MHz
5300
pF
Output Capacitance
Coss
540
Reverse Transfer Capacitance
Crss
330
Total Gate Charge
QG
VDD=48V
ID=84A
VGS=10V
90
nC
Gate to Source Charge
QGS
21
Gate to Drain Charge
QGD
30
Turn-On Delay Time
td(on)
VDD=30V
VGS=10V
ID=42A
RG=0Ω
25
ns
Rise Time
tr
17
Turn-Off Delay Time
td(off)
66
Fall Time
tf
9
Reverse Recovery Time
trr
IF=84A
VGS=0V
di/dt=100A/μS
43
ns
Reverse Recovery Charge
Qrr
62
nC
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - BR4145

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
BR412-10-10 EDAL-BR412-10-10 Datasheet
484Kb / 2P
   Miniature High Voltage Silicon Rectifiers
BR412-10-25 EDAL-BR412-10-25 Datasheet
484Kb / 2P
   Miniature High Voltage Silicon Rectifiers
BR412-10-5 EDAL-BR412-10-5 Datasheet
484Kb / 2P
   Miniature High Voltage Silicon Rectifiers
BR412-12-10 EDAL-BR412-12-10 Datasheet
484Kb / 2P
   Miniature High Voltage Silicon Rectifiers
BR412-12-25 EDAL-BR412-12-25 Datasheet
484Kb / 2P
   Miniature High Voltage Silicon Rectifiers
More results

Similar Description - BR4145

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BR100N03 FOSHAN-BR100N03 Datasheet
884Kb / 6P
   N-CHANNEL MOSFET in a TO-220 Plastic Package
BR4N60 FOSHAN-BR4N60 Datasheet
971Kb / 6P
   N-CHANNEL MOSFET in a TO-220 Plastic Package
BR7N80 FOSHAN-BR7N80 Datasheet
1Mb / 6P
   N-CHANNEL MOSFET in a TO-220 Plastic Package
BR50N06 FOSHAN-BR50N06 Datasheet
1Mb / 6P
   N-CHANNEL MOSFET in a TO-220 Plastic Package
BR80N08A FOSHAN-BR80N08A Datasheet
930Kb / 6P
   N-CHANNEL MOSFET in a TO-220 Plastic Package
BR40N20 FOSHAN-BR40N20 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET in a TO-220 Plastic Package
BR2N60 FOSHAN-BR2N60 Datasheet
865Kb / 6P
   N-CHANNEL MOSFET in a TO-220 Plastic Package
BR80N10 FOSHAN-BR80N10 Datasheet
1Mb / 6P
   N-CHANNEL MOSFET in a TO-220 Plastic Package
BR12N60 FOSHAN-BR12N60 Datasheet
1Mb / 6P
   N-CHANNEL MOSFET in a TO-220 Plastic Package
BR8N60 FOSHAN-BR8N60 Datasheet
954Kb / 6P
   N-CHANNEL MOSFET in a TO-220 Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com