Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRB100N10 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BRB100N10
Description  N-CHANNEL MOSFET in a TO-263 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BRB100N10 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BRB100N10 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BRB100N10 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BRB100N10 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BRB100N10 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BRB100N10 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BRB100N10 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BRB100N10
Rev.D May.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Drain-Source Voltage
VDSS
100
V
Drain Current
ID(Tc=25℃)
100
A
Peak Drain Current
IDM
320
A
Gate-Source Voltage
VGSS
±20
V
Single Pulsed Avalanche Energy
EAS
597
mJ
Avalanche Current
IAR
100
A
Total Power Dissipation
PD(Tc=25℃)
131
W
Junction and Storage Temperature Range
TJ,TSTG
-55 to 150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Zero Gate Voltage Drain Current
BVDSS
VGS=0V
ID=250μA
100
V
Zero Gate Voltage Drain Current
IDSS
VDS=100V
VGS=0V
1
μA
VDS=84V
TC=125℃
10
μA
Gate-Body Leakage Current
Forward
IGSS
VGS=±20V
VDS=0V
±0.1
μA
Gate Threshold Voltage
VGS(th)
VDS=VGS
ID=250μA
2
4
V
Static Drain-Source
On-Resistance
RDS(on)
VGS=10V
ID=50A
9.5
10.8
mΩ
Forward Transconductance
gFS
VDS=15V
ID=20A
45
S
Forward On Voltage
VSD
VGS=0V
IS=100A
1.4
V
Input Capacitance
Ciss
VDS=40V
VGS=0V
f=1MHz
5110
pF
Output Capacitance
Coss
334
pF
Reverse Transfer Capacitance
Crss
150
pF
Turn-On Delay Time
td(on)
VDD=50V
ID=60A
RG=1Ω
21
ns
Turn-On Rise Time
tr
10
ns
Turn-Off Delay Time
td(off)
74
ns
Turn-Off Fall Time
tf
16
ns
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - BRB100N10

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BRB10N65 FOSHAN-BRB10N65 Datasheet
1,008Kb / 6P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
More results

Similar Description - BRB100N10

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BRB7N80 FOSHAN-BRB7N80 Datasheet
996Kb / 6P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
BRB10N65 FOSHAN-BRB10N65 Datasheet
1,008Kb / 6P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
BRB840 FOSHAN-BRB840 Datasheet
711Kb / 6P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
BRB7N65 FOSHAN-BRB7N65 Datasheet
517Kb / 6P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
BRB7N60 FOSHAN-BRB7N60 Datasheet
753Kb / 6P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
BRB4N60 FOSHAN-BRB4N60 Datasheet
800Kb / 6P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
BRB50N06 FOSHAN-BRB50N06 Datasheet
762Kb / 6P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
BRB80N08 FOSHAN-BRB80N08 Datasheet
757Kb / 6P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
BRB80N10 FOSHAN-BRB80N10 Datasheet
887Kb / 6P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
BRB80N06 FOSHAN-BRB80N06 Datasheet
1Mb / 8P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com