Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRCS3443MF Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BRCS3443MF
Description  P-channel MOSFET in a SOT23-6 Plastic Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BRCS3443MF Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BRCS3443MF Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BRCS3443MF Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BRCS3443MF Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BRCS3443MF Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BRCS3443MF Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BRCS3443MF Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. BRCS3443MF Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd. BRCS3443MF Datasheet HTML 8Page - Foshan Blue Rocket Electronics Co.,Ltd. BRCS3443MF Datasheet HTML 9Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BRCS3443MF
Rev.D Oct.-2015
DATA SHEET
http://www.fsbrec.com
2 / 9
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Drain-Source Voltage
VDSS
-20
V
Drain Current – Continuous(Note 1)
ID(Ta=25℃)
-4.4
A
Drain Current – Pulsed(Note 1)
Tp<10μS
IDM
-20
A
Gate-Source Voltage
VGS
±12
V
Maximum Power Dissipation(Note 1)
PD(Ta=25℃)
2.0
W
Maximum Junction-to-Ambient(Note 1)
RθJA
62.5
/ W
Maximum Junction-to-Lead
TL
260
Junction and Storage Temperature Range
Tj, Tstg
-55
~150
Note:
1.Mounted onto a 2 in square FR−4 board (1"sq. 2 oz.cu.0.06",thick single sided),t<5.0seconds.
电性能参数 / Electrical Characteristics(Ta=25℃) (Notes2&3)
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Drain-Source Breakdown Voltage V(BR)DSS VGS=0V
ID=-10μA
-20
V
Drain-Source Leakage Current
IDSS
VDS=-20V
VGS=0V
Tj=25℃
-1.0
μA
VDS=-10V
VGS=0V
Tj=70℃
-5.0
μA
Gate-Source Leakage Current
IGSS
VGS=±12V
VDS=0V
±100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS
ID=-250μA
-0.55
-0.72
-1.45
V
Static Drain-Source
On-Resistance
RDS(on)
VGS=-4.5V
ID=-4.4A
0.058
0.065
VGS=-2.7V
ID=-3.7A
0.082
0.090
VGS=-2.5V
ID=-3.5A
0.092
0.100
Forward Transconductance
gFS
VDS=-10V
ID=-4.4A
8.8
S
Forward On Voltage
VSD
VGS=0V
IS=-1.7A
-0.83
-1.2
V
Input Capacitance
Ciss
VDS=-5.0V
VGS=0V
f=1.0MHz
565
pF
Output Capacitance
Coss
320
Reverse Transfer Capacitance
Crss
120
极限参数 / Absolute Maximum Ratings(TJ=25℃)


Similar Part No. - BRCS3443MF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BRC114ECM HITACHI-BRC114ECM Datasheet
118Kb / 12P
   NPN Built-in Resistor Transistor CMPAK Series Inverter, Driver, Switching
BRC123ECM HITACHI-BRC123ECM Datasheet
118Kb / 12P
   NPN Built-in Resistor Transistor CMPAK Series Inverter, Driver, Switching
BRC124ECM HITACHI-BRC124ECM Datasheet
118Kb / 12P
   NPN Built-in Resistor Transistor CMPAK Series Inverter, Driver, Switching
BRC143ECM HITACHI-BRC143ECM Datasheet
118Kb / 12P
   NPN Built-in Resistor Transistor CMPAK Series Inverter, Driver, Switching
BRC144ECM HITACHI-BRC144ECM Datasheet
118Kb / 12P
   NPN Built-in Resistor Transistor CMPAK Series Inverter, Driver, Switching
More results

Similar Description - BRCS3443MF

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BR8205 FOSHAN-BR8205 Datasheet
1Mb / 6P
   N-channel Double MOSFET in a SOT23-6 Plastic Package
BR8810MF FOSHAN-BR8810MF Datasheet
1Mb / 9P
   N-channel Double MOSFET in a SOT23-6 Plastic Package
BRCD3470 FOSHAN-BRCD3470 Datasheet
773Kb / 9P
   Synchronous Buck Converter in a SOT23-6 Plastic Package
DW01B FOSHAN-DW01B Datasheet
1Mb / 13P
   Battery Protection IC in a SOT23-6 Plastic Package
DW01C FOSHAN-DW01C Datasheet
1Mb / 12P
   Battery Protection IC in a SOT23-6 Plastic Package
logo
Shenzhen Huazhimei Semi...
DW01B HMSEMI-DW01B Datasheet
1Mb / 13P
   Battery Protection IC in a SOT23-6 Plastic Package.
logo
SHIKUES Electronics
SK8810MF SKTECHNOLGY-SK8810MF Datasheet
2Mb / 7P
   N-channel Double MOSFET in a SOT23-6 Plastic Package. It is ESD protested.
logo
Foshan Blue Rocket Elec...
BR50P06 FOSHAN-BR50P06 Datasheet
926Kb / 6P
   P-CHANNEL MOSFET in a TO-220 Plastic Package
STU417S FOSHAN-STU417S Datasheet
826Kb / 6P
   P-CHANNEL MOSFET in a TO-252 Plastic Package
AO3409 FOSHAN-AO3409 Datasheet
784Kb / 7P
   P- CHANNEL MOSFET in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com