Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2038S2D1 Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2038S2D1
Description  General Specifications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2038S2D1 Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2038S2D1 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2038S2D1 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2038S2D1 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2038S2D1 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2038S2D1 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2038S2D1 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2038S2D1 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2038S2D1 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2038S2D1 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Series M
Bushing Mount Miniature Toggles
A54
A
www.nkkswitches.com
TYPICAL SWITCH
ORDERING EXAMPLE
M20
Poles
1
SPST
SPDT
2
DPST
DPDT
SP3T
3
3PDT
4
4PDT
DP3T
S1
S
1
3
Circuits
1
ON
NONE
OFF
2
ON
NONE
ON
3
ON
OFF
ON
5
ON
NONE (ON)
8 (ON)
OFF
(ON)
9
ON
OFF
(ON)
4
ON
ON
ON
6 (ON)
ON
(ON)
7
ON
ON
(ON)
( ) = Momentary
ON-NONE-OFF circuit avail-
able in 1- and 2-pole only.
3-ON circuits
*
**
**
*
**
**
Small Bushings
S1
.350” (8.9mm) Threaded with Keyway
S4
6mm .350” (8.9mm) Threaded with
Keyway
S2
.350” (8.9mm) Smooth with Keyway
A1
.280” (7.1mm) Threaded with Keyway
A2
.280” (7.1mm) Smooth with Keyway
D1
.350” (8.9mm) Threaded with D Flat
D4
6mm .350” (8.9mm) Threaded with
D Flat
D3
.350” (8.9mm) Threaded Splashproof
with D Flat (combines only with S, S2
& S3)
D8
6mm .350” (8.9mm) Threaded Splash-
proof with D Flat (combines only with
S, S2 & S3)
Large Bushings
B1
Large .472” (12mm) Threaded
with Keyway
B3
Large .472” (12mm) Threaded
Splashproof with D Flat
Large Toggles
B
.453” (11.5mm) Large Bat
B2
.689” (17.5mm) Large Bat
R
.610” (15.5mm) Large Flatted
Bushings For Locking Levers
L1
.291” (7.4mm) Threaded with Keyway
for Lever Lock
L4
6mm .291” (7.4mm) Threaded with
Keyway for Lever Lock
L2
Smooth with Keyway for Lever Lock
L3
.295” (7.5mm) Threaded Splashproof
with D Flat for Lever Lock
L8
6mm .295” (7.5mm) Threaded Splash-
proof with D Flat for Lever Lock
Locking Lever
L
.201” (5.1mm) Dia. Locking Lever
Small Toggles
S
.413” (10.5mm) Bat
S2
.200” (5.08mm) Bat
S3
.256” (6.5mm) Bat
E
.450” (11.4mm) Flatted
E2
.256” (6.5mm) Flatted
E4
.840” (21.3mm) Flatted
Q
.550” (14.0mm) Cone
Q2 .640” (16.26mm) Cone
Q4 .840” (21.3mm) Cone
C
.571” (14.5mm) Color Tipped Cone
(available in colors A, B & C only)
D
.840” (21.3mm) Color Capped Cone
Specify cap color for toggles C & D
at the end of the part number.
* Available on 1- and 2-pole only.
*
*
*
*
*
IMPORTANT:
Switches are supplied without UL, cULus & CSA marking unless specified.
UL, cULus & CSA recognized only when ordered with marking on the switch.
Specific models, ratings, & ordering instructions are noted on the General
Specifications page.


Similar Part No. - M2038S2D1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2038S2A2W40-BA ETC2-M2038S2A2W40-BA Datasheet
343Kb / 10P
   General Specifications
M2038S2S1W40-BA ETC2-M2038S2S1W40-BA Datasheet
343Kb / 10P
   General Specifications
More results

Similar Description - M2038S2D1

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com