Electronic Components Datasheet Search |
|
M2021S3D1 Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
M2021S3D1 Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd. |
6 / 28 page Series M Bushing Mount Miniature Toggles A57 A www.nkkswitches.com SMALL TOGGLES Important: Toggle length changes based on bushing selected. All illustrations are shown with .350” long bushing. When using a .280” long bushing, toggle length increases .070”. (5.0) .197 25° (21.3) .840 (2.5) .098 25° (2.5) .098 (6.5) .256 (4.2) .165 25° (14.5) .571 (4.5) .177 (3.0) Dia .118 (5.08) .200 25° (2.54) .100 (11.4) .450 25° (3.1) Dia .122 (14.0) .550 25° (3.1) Dia .122 (16.26) .640 25° (3.1) Dia .122 (21.3) .840 25° (3.1) Dia .122 (16.4) .646 (21.3) .840 .550” (14.0mm) Cone Q .640” (16.26mm) Cone Q2 .840” (21.3mm) Cone Q4 .840” (21.3mm) Color Capped Cone Supplied with Cap AT460 Colors: A B C E F G Material: Polyethylene D .450” (11.4mm) Flatted E .256” (6.5mm) Flatted E2 .840” (21.3mm) Flatted E4 .571” (14.5mm) Color Tipped Cone Supplied with Cap AT445 Colors: A B C Material: Polycarbonate C Black A Cap Colors Available: White B Red C Yellow E Green F Blue G Only Available in 1- & 2-Pole Only Available in 1- & 2-Pole Only Available in 1- & 2-Pole Only Available in 1- & 2-Pole Only Available in 1- & 2-Pole Standard Material & Finish: Brass with Bright Chrome Contact factory for optional finishes. .413” (10.5mm) Bat S .200” (5.08mm) Bat S2 25° (2.8) Dia .110 (10.5) .413 (2.7) Dia .106 25° (5.08) .200 .256” (6.5mm) Bat S3 (6.5) .256 (2.7) Dia .106 25° |
Similar Part No. - M2021S3D1 |
|
Similar Description - M2021S3D1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |