Electronic Components Datasheet Search |
|
M2033S3D1 Datasheet(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
M2033S3D1 Datasheet(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd. |
7 / 28 page Series M Bushing Mount Miniature Toggles A58 A www.nkkswitches.com SMALL BUSHINGS 1/4-40 .350” (8.9mm) Threaded with Keyway S1 A1 .280” (7.1mm) Smooth with Keyway 1/4-40 .280” (7.1mm) Threaded with Keyway A2 6mm/.350” (8.9mm) Threaded with Keyway S4 (0.9) .035 (7.1) .280 1/4-40 Thd (8.0) Dia .315 (2.5) .098 (0.8) .031 (8.0) Dia .315 (2.5) .098 (0.8) .031 (0.9) .035 (7.1) .280 (6.2) Dia .244 (8.0) Dia .315 (2.5) .098 (0.8) .031 (8.0) Dia .315 (2.5) .098 (0.8) .031 (0.9) .035 (8.9) .350 1/4-40 Thd .350” (8.9mm) Smooth with Keyway S2 (0.9) .035 (8.9) .350 (6.2) Dia .244 (8.0) Dia .315 (2.5) .098 (0.8) .031 (0.9) .035 (8.9) .350 M6 P0.75 Maximum Panel Thickness with Standard Hardware: .102” (2.6mm) Maximum Panel Thickness with Standard Hardware: .102” (2.6mm) When using this bushing, toggle length is increased by .070”. When using this bushing, toggle length is increased by .070”. Maximum Panel Thickness with Standard Hardware: .031” (0.8mm) 1/4-40 .350” (8.9mm) Threaded with D Flat 6mm/.350” (8.9mm) Threaded Splashproof with D Flat D8 D1 (5.8) .228 (6.5) Dia .256 1/4-40 .350” (8.9mm) Threaded Splashproof with D Flat D3 Standard Hardware Supplied for Small Bushings Bushing Codes S1/S4 A1 D1/D4 D3/D8 L1/L4 L3/L8 Hardware and Quantity Hex Nut 2 2 2 1 2 1 Locking Ring 1 1 0 0 1 0 Lockwasher 1 1 1 0 1 0 O-ring 0 0 0 1 0 1 (0.9) .035 (8.9) .350 1/4-40 Thd (2.5) .098 (8.0) Dia .315 (1.5) .059 (8.9) .350 1/4-40 Thd (2.5) .098 (10.0) Dia .394 (1.5) .059 (8.9) .350 M6 P0.75 (2.5) .098 (10.0) Dia .394 For S1, S2, A1, A2 or S4 Bushing with Keyway & for L1 or L4 Bushing For S1, A1 or S4 Bushing with Locking Ring & for L1 or L4 Bushing For D1, D4, D3 or D8 Bushing with D Flat & for L3 or L8 Bushing Maximum Panel Thickness with Standard Hardware: .102” (2.6mm) D3 combines only with S, S2 & S3 toggles. Maximum Panel Thickness with Standard Hardware: .193” (4.9mm) 6mm/.350” (8.9mm) Threaded with D Flat D4 (2.5) .098 (8.0) Dia .315 (0.9) .035 (8.9) .350 M6 P0.75 Maximum Panel Thickness with Standard Hardware: .102” (2.6mm) D8 combines only with S, S2 & S3 toggles. Maximum Panel Thickness with Standard Hardware: .193” (4.9mm) (6.5) Dia .256 (5.6) or .228 (0.6) .024 (6.5) Dia .256 (6.5) or .240 (2.2) Dia .087 |
Similar Part No. - M2033S3D1 |
|
Similar Description - M2033S3D1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |