Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0787875054 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0787875054
Description  2.00mm Pitch Milli-Grid Receptacle, Vertical, Through Hole, Dual Row, 1.91mm Tail
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0787875054 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0787875054 Datasheet HTML 1Page - Molex Electronics Ltd. 0787875054 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Voltage - Maximum
125V AC (RMS)/DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
010
Lead-freeProcess Capability
WAVE
Max. Cycles at Max. Process Temperature
001
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-78787-001
Product Specification
PS-78787-001-001
Sales Drawing
SD-78787-001
This document was generated on 08/02/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0787875054

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0787875064 MOLEX1-0787875064 Datasheet
44Kb / 2P
   2.00mm Pitch Milli-Grid Receptacle, Vertical, Through Hole, Dual Row, 3.00mm Tail
More results

Similar Description - 0787875054

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0791077347 MOLEX1-0791077347 Datasheet
44Kb / 2P
   2.00mm Pitch Milli-Grid Receptacle, Vertical, Through Hole, Dual Row, 1.91mm Tail
0791077331 MOLEX1-0791077331 Datasheet
44Kb / 2P
   2.00mm Pitch Milli-Grid Receptacle, Vertical, Through Hole, Dual Row, 1.91mm Tail
0791077333 MOLEX1-0791077333 Datasheet
44Kb / 2P
   2.00mm Pitch Milli-Grid Receptacle, Vertical, Through Hole, Dual Row, 1.91mm Tail
0791077337 MOLEX1-0791077337 Datasheet
44Kb / 2P
   2.00mm Pitch Milli-Grid Receptacle, Vertical, Through Hole, Dual Row, 1.91mm Tail
0791077214 MOLEX1-0791077214_17 Datasheet
43Kb / 2P
   2.00mm Pitch Milli-Grid Receptacle, Vertical, Through Hole, Dual Row, 1.91mm Tail
0791077262 MOLEX1-0791077262_17 Datasheet
44Kb / 2P
   2.00mm Pitch Milli-Grid Receptacle, Vertical, Through Hole, Dual Row, 1.91mm Tail
0791077201 MOLEX1-0791077201_17 Datasheet
44Kb / 2P
   2.00mm Pitch Milli-Grid Receptacle, Vertical, Through Hole, Dual Row, 1.91mm Tail
0791077208 MOLEX1-0791077208_17 Datasheet
43Kb / 2P
   2.00mm Pitch Milli-Grid Receptacle, Vertical, Through Hole, Dual Row, 1.91mm Tail
0791077210 MOLEX1-0791077210_17 Datasheet
43Kb / 2P
   2.00mm Pitch Milli-Grid Receptacle, Vertical, Through Hole, Dual Row, 1.91mm Tail
0791077211 MOLEX1-0791077211_17 Datasheet
43Kb / 2P
   2.00mm Pitch Milli-Grid Receptacle, Vertical, Through Hole, Dual Row, 1.91mm Tail
0791077327 MOLEX1-0791077327 Datasheet
44Kb / 2P
   2.00mm Pitch Milli-Grid Receptacle, Vertical, Through Hole, Dual Row, 1.91mm Tail
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com