Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3PDB40N08 Datasheet(PDF) 3 Page - Sirectifier Semiconductors

Part # S3PDB40N08
Description  Three Phase Rectifier Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

S3PDB40N08 Datasheet(HTML) 3 Page - Sirectifier Semiconductors

  S3PDB40N08 Datasheet HTML 1Page - Sirectifier Semiconductors S3PDB40N08 Datasheet HTML 2Page - Sirectifier Semiconductors S3PDB40N08 Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
S3PDB40NXX
Three Phase Bridge Rectifiers
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Forward Voltage Drop Characteristics
Fig. 3 - Total Power Loss Characteristics
Fig. 4 - Maximum Non-Repetitive Surge Current
Instantaneous Forward Voltage (V)
Average Forward Current (A)
Average Forward Current (A)
Maximum Allowable Ambient Temperature °C
100
150
200
250
300
350
400
450
500
0.01
0.1
1
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration.
Initial Tj = 150˚C
No Voltage Reapplied
Rated Vrrm Reapplied
1
10
100
1000
0.5
1
1.5
2
2.5
3
T = 25˚C
J
T = 150˚C
J
40
50
60
70
80
90
100
110
120
130
140
150
0
10
20
30
40
180˚
(Sine)
180˚
(Rect)
Pulse Train Duration (s)
25
50
75
100
W
/K
1
W
/K
7.
0
W
/K
3
W
/K
2
R
atle
D
-
W
/K
5.0
=
A
S
ht
R
0
10
20
30
40
50
60
70
80
0
5
10 15 20 25 30 35
180˚
(Sine)
180˚
(Rect)
T = 150˚C
J
Square Wave Pulse Duration (s)
Fig. 5- Thermal Impedance Z thJC Characteristic
.001
0.01
0.1
1
10
0.001 0.01
0.1
1
10
100
Steady State Value
R
= 1.25 K / W
(DC Operation)
thJC
Fig. 2 - Forward Voltage Drop Characteristics
Fig. 2 - Forward Voltage Drop Characteristics
Fig. 3 - Total Power Loss Characteristics
Fig. 3 - Total Power Loss Characteristics
Instantaneous Forward Voltage (V)
Instantaneous Forward Voltage (V)
Average Forward Current (A)
Maximum Allowable Ambient Temperature °C
Average Forward Current (A)
Maximum Allowable Ambient Temperature °C
150
150
200
200
250
250
300
300
350
350
400
400
450
450
500
500
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration.
Initial Tj = 150˚C
No Voltage Reapplied
Rated Vrrm Reapplied
0.5
1
1.5
2
2.5
3
0.5
1
1.5
2
2.5
3
T = 25˚C
T = 150˚C
J
25
50
75
100
25
50
75
100
W
/K
1
W
/K
7.
0
W
/K
3
W
/K
2
R
atle
D
-
W
/K
5.0
=
A
S
ht
R
00
0
5
10 15 20 25 30 35
0
5
10 15 20 25 30 35
0
5
10 15 20 25 30 35
0
5
10 15 20 25 30 35
(Rect)
T = 150˚C
J
25
50
75
100
25
50
75
100
P3
© 2008 SIRECTIFIER All rights reserved
www.sirectifier.com Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com


Similar Part No. - S3PDB40N08

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
S3PDB40N08 SIRECTIFIER-S3PDB40N08 Datasheet
69Kb / 2P
   Three Phase Rectifier Modules
More results

Similar Description - S3PDB40N08

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
S3PDB80NXX SIRECTIFIER-S3PDB80NXX Datasheet
567Kb / 3P
   Three Phase Rectifier Modules
S3PDB200NXX SIRECTIFIER-S3PDB200NXX Datasheet
86Kb / 2P
   Three Phase Rectifier Modules
S3PDB41NXX SIRECTIFIER-S3PDB41NXX Datasheet
326Kb / 4P
   Three Phase Rectifier Modules
logo
List of Unclassifed Man...
S3PDB25 ETC2-S3PDB25 Datasheet
59Kb / 2P
   Three Phase Rectifier Modules
logo
Sirectifier Semiconduct...
S3PDB60NXX SIRECTIFIER-S3PDB60NXX Datasheet
114Kb / 2P
   Three Phase Rectifier Modules
S3PDB91NXX SIRECTIFIER-S3PDB91NXX Datasheet
298Kb / 3P
   Three Phase Rectifier Modules
S3PDB25NXX SIRECTIFIER-S3PDB25NXX Datasheet
73Kb / 2P
   Three Phase Rectifier Modules
S3PDB250 SIRECTIFIER-S3PDB250 Datasheet
59Kb / 2P
   Three Phase Rectifier Modules
S3PDB40 SIRECTIFIER-S3PDB40 Datasheet
69Kb / 2P
   Three Phase Rectifier Modules
S3PDB80 SIRECTIFIER-S3PDB80 Datasheet
69Kb / 2P
   Three Phase Rectifier Modules
S3PDB130 SIRECTIFIER-S3PDB130 Datasheet
59Kb / 2P
   Three Phase Rectifier Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com