Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX8503BG Datasheet(PDF) 2 Page - NEC

Part # NX8503BG
Description  NECs 1550 nm InGaAsP MQW DFB LASER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NX8503BG Datasheet(HTML) 2 Page - NEC

  NX8503BG Datasheet HTML 1Page - NEC NX8503BG Datasheet HTML 2Page - NEC NX8503BG Datasheet HTML 3Page - NEC NX8503BG Datasheet HTML 4Page - NEC NX8503BG Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ABSOLUTE MAXIMUM RATINGS1
(TC = -20 to +85°C, unless otherwise specified)
SYMBOLS
PARAMETERS
UNITS
RATINGS
IF
Forward Current of LD
mA
150
Pf
Optical Output Power
mW
5.0
from Fiber
VR
Reverse Voltage of LD
V
2.0
IF
Forward Current of PD
mA
2.0
VR
Reverse Voltage of PD
V
15
TC
Operating Case Temperature
°C
-10 to +85
TSTG
Storage Temperature
°C
-40 to +85
TSLD
Lead Soldering
Temperature (10 s)
°C
260
RH
Relative Humidity
%
85
(non-condensing)
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
NX8503BG-CC, NX8503CG-CC
PART NUMBER
NX8503BG-CC, NX8503BG-CC
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
Ct
Monitor PD Terminal Capacitance, VR = 5 V, f = 1 MHz
pF
1.0
20
LINm
Linearity, VR = 5 V, Pf = 0.2 to 2.0 mW (Refer to defenitions)
%
10
γ
Tracking Error, Im = const. (Refer to defenitions)
dB
0.5
1.0
RIN
Relative Intensity Noise, Ref = -14dB
dB/Hz
-135
ELECTRO-OPTICAL CHARACTERISTICS cont. (TC = -10 to +85°C, unless otherwise specified)


Similar Part No. - NX8503BG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8503BG-CC RENESAS-NX8503BG-CC Datasheet
240Kb / 13P
   LASER DIODE
2002
More results

Similar Description - NX8503BG

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8303BG CEL-NX8303BG Datasheet
99Kb / 4P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8304BE CEL-NX8304BE Datasheet
106Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8300BE CEL-NX8300BE Datasheet
126Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX7527 CEL-NX7527 Datasheet
189Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE
NX7526 CEL-NX7526 Datasheet
189Kb / 3P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE
NX8562LB CEL-NX8562LB Datasheet
255Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE
NX7561 CEL-NX7561 Datasheet
185Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
NX7528 CEL-NX7528 Datasheet
190Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
NX7529 CEL-NX7529 Datasheet
190Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
logo
Renesas Technology Corp
NX6314EH RENESAS-NX6314EH_15 Datasheet
205Kb / 7P
   LASER DIODE 1 310 nm InGaAsP MQW-DFB LASER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com