Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6.3ZLQ4700MEFC10X25 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 6.3ZLQ4700MEFC10X25
Description  RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

6.3ZLQ4700MEFC10X25 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  6.3ZLQ4700MEFC10X25 Datasheet HTML 1Page - RUBYCON CORPORATION 6.3ZLQ4700MEFC10X25 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆STANDARD SIZE
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
ZLQ
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz −10℃, 100kHz
Impedance
(Ω MAX)
6.3
10
16
270
680
1200
1500
1800
2200
2700
3900
4700
5600
8200
8200
10000
10000
12000
220
470
820
1200
1200
1800
1800
2700
3300
3900
5600
6800
6800
8200
8200
150
330
560
820
820
1200
1200
1800
2200
2700
3900
3900
4700
5600
5600
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×25
12.5×20
12.5×25
12.5×30
16×20
12.5×35
16×25
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×25
12.5×20
12.5×25
12.5×30
16×20
12.5×35
16×25
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×25
12.5×20
12.5×25
12.5×30
16×20
12.5×35
16×25
400
620
1060
1390
1470
1660
1930
2130
2500
2690
3140
3680
3500
3800
3880
400
620
1060
1390
1470
1660
1930
2130
2500
2690
3140
3680
3500
3800
3880
400
620
1060
1390
1470
1660
1930
2130
2500
2690
3140
3680
3500
3800
3880
0.21
0.092
0.049
0.038
0.035
0.027
0.025
0.018
0.015
0.016
0.013
0.012
0.014
0.010
0.011
0.21
0.092
0.049
0.038
0.035
0.027
0.025
0.018
0.015
0.016
0.013
0.012
0.014
0.010
0.011
0.21
0.092
0.049
0.038
0.035
0.027
0.025
0.018
0.015
0.016
0.013
0.012
0.014
0.010
0.011
0.77
0.34
0.15
0.12
0.11
0.081
0.075
0.054
0.045
0.041
0.033
0.030
0.035
0.025
0.028
0.77
0.34
0.15
0.12
0.11
0.081
0.075
0.054
0.045
0.041
0.033
0.030
0.035
0.025
0.028
0.77
0.34
0.15
0.12
0.11
0.081
0.075
0.054
0.045
0.041
0.033
0.030
0.035
0.025
0.028
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz −10℃, 100kHz
Impedance
(Ω MAX)
82
180
330
470
560
680
820
1200
1500
1800
2200
2700
2700
3300
3900
56
120
220
270
330
390
470
680
820
1000
1500
1500
1800
2200
2200
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×25
12.5×20
12.5×25
12.5×30
16×20
12.5×35
16×25
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×25
12.5×20
12.5×25
12.5×30
16×20
12.5×35
16×25
400
620
1060
1390
1470
1660
1930
2130
2500
2690
3140
3680
3500
3800
3880
400
620
1060
1390
1470
1660
1930
2130
2500
2690
3140
3680
3500
3800
3880
0.21
0.092
0.049
0.038
0.035
0.027
0.025
0.018
0.015
0.016
0.013
0.012
0.014
0.010
0.011
0.21
0.092
0.049
0.038
0.035
0.027
0.025
0.018
0.015
0.016
0.013
0.012
0.014
0.010
0.011
0.77
0.34
0.15
0.12
0.11
0.081
0.075
0.054
0.045
0.041
0.033
0.030
0.035
0.025
0.028
0.77
0.34
0.15
0.12
0.11
0.081
0.075
0.054
0.045
0.041
0.033
0.030
0.035
0.025
0.028
25
35


Similar Part No. - 6.3ZLQ4700MEFC10X25

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
6.3ZLC20 RUBYCON-6.3ZLC20 Datasheet
1Mb / 7P
   105C High ripple Current, Low impedance
6.3ZLG330MEFC6.3X11 RUBYCON-6.3ZLG330MEFC6.3X11 Datasheet
169Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
6.3ZLH4700MEFC12.5X25 RUBYCON-6.3ZLH4700MEFC12.5X25 Datasheet
132Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
6.3ZLH820MEFC8X11.5 RUBYCON-6.3ZLH820MEFC8X11.5 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
6.3ZLJ1000M8X16 RUBYCON-6.3ZLJ1000M8X16 Datasheet
198Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 6.3ZLQ4700MEFC10X25

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH680MEFC8X16 RUBYCON-16ZLH680MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXG220MEFC8X11.5 RUBYCON-25YXG220MEFC8X11.5 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXF470MEFC10X20 RUBYCON-35YXF470MEFC10X20 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXM47MEFC6.3X11 RUBYCON-35YXM47MEFC6.3X11 Datasheet
172Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLH270MEFC8X16 RUBYCON-35ZLH270MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLJ100M6.3X11 RUBYCON-35ZLJ100M6.3X11 Datasheet
198Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
63YXF47MEFC8X11.5 RUBYCON-63YXF47MEFC8X11.5 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com