Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

35TLV330M10X10.5 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 35TLV330M10X10.5
Description  CHIP ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

35TLV330M10X10.5 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  35TLV330M10X10.5 Datasheet HTML 1Page - RUBYCON CORPORATION 35TLV330M10X10.5 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
TLV
SERIES
TLV
◆SPECIFICATIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation Factor(MAX)
(tanδ)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−55∼+105℃
6.3∼63Vdc
±20%
(20℃,
120Hz)
I=0.01CV or 3μA whichever is greater.(After 2 minutes application of rated voltage)
I=Leakage Current(μA)     C=Capacitance (μF)    V=Rated Voltage(Vdc)
Rated Voltage
(Vdc)
tanδ
0.26
6.3
0.19
10
0.16
16
0.14
25
0.12
35
0.10
50
0.09
63
After applying rated voltage for specified time at 105℃, the capacitor shall meet the following requirements.
When rated capacitance is over 1000μF, tanδ shall be added 0.02 to the listed value with increase of every 1000μF.
(20℃,120Hz)
Load Life : 105℃ 2000∼5000 hours, Low Impedance
AEC-Q200.
Rated Voltage
(Vdc)
Z
(−40℃)
/Z
(20℃)
Z
(−25℃)
/Z
(20℃)
3
6.3
3
10
3
16
3
25
3
35
22222
Z
(−55℃)
/Z
(20℃) 44433
3
50
2
3
3
63
2
3
Leakage Current
Dissipation Factor
Capacitance Change
Within ±30% of the initially measured value.
Not more than 200% of the specified value.
(φ8.φ10:300%)
Not more than the specified value.
(120Hz)
◆PART NUMBER
□□□
Rated Voltage
TLV
Series
□□□
Option
D×L
Case Size
□□□□□
Capacitance
Capacitance Tolerance
◆MULTIPLIER FOR RIPPLE CURRENT
◆MARKING
〈φ8,φ10〉
〈φ12.5∼φ18〉
Lot No.
Capacitance
Series
Rated voltage code
Negative
Lot No.
Capacitance
Series
Rated voltage code
Negative
UPGRADE
Case Size
Life Time
(hrs)
φD≧12.5
5000
φD≦10
5000
6.3∼50Vdc
2000
63Vdc
RoHS
compliance
Frequency
(Hz)
Coefficient
120
1k
10k
100k≦
33μF
0.45
0.75
0.90
1.00
47∼150μF
0.50
0.80
0.95
1.00
0.60
0.85
0.95
1.00
220∼10000μF
AA
470
CTL
AA
2200
1C TL
Rated Voltage
(Vdc)
Voltage
code
6.3 10 16 25 35
j
φD≦10
φD≧12.5
AC
E
V
0J 1A 1C 1E 1V
50
H
1H
63
J
1J
※Voltage code


Similar Part No. - 35TLV330M10X10.5

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
35TLV2200M16X21.5 RUBYCON-35TLV2200M16X21.5 Datasheet
189Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 35TLV330M10X10.5

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
25TLV470M10X10.5 RUBYCON-25TLV470M10X10.5 Datasheet
151Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
25TZV100M6.3X8 RUBYCON-25TZV100M6.3X8 Datasheet
169Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
35TZV100M6.3X8 RUBYCON-35TZV100M6.3X8 Datasheet
169Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
6.3SZV47M5X5.5 RUBYCON-6.3SZV47M5X5.5 Datasheet
76Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
16SEV10M4X5.5 RUBYCON-16SEV10M4X5.5 Datasheet
172Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
35TZV220M8X10.5 RUBYCON-35TZV220M8X10.5 Datasheet
169Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
50TZV22M6.3X6.1 RUBYCON-50TZV22M6.3X6.1 Datasheet
169Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
10TZV220M6.3X8 RUBYCON-10TZV220M6.3X8 Datasheet
169Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
50SEV2.2M4X5.5 RUBYCON-50SEV2.2M4X5.5 Datasheet
172Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
SJV RUBYCON-SJV_15 Datasheet
196Kb / 1P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
SKV RUBYCON-SKV_15 Datasheet
167Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com