Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH183AN103CC Datasheet(PDF) 2 Page - Rohm

Part # MCH183AN103CC
Description  1608(0603)Size chip capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH183AN103CC Datasheet(HTML) 2 Page - Rohm

  MCH183AN103CC Datasheet HTML 1Page - Rohm MCH183AN103CC Datasheet HTML 2Page - Rohm MCH183AN103CC Datasheet HTML 3Page - Rohm MCH183AN103CC Datasheet HTML 4Page - Rohm MCH183AN103CC Datasheet HTML 5Page - Rohm MCH183AN103CC Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Temperature
Rated voltage(V)
Capacitance(pF)
A
・AN(CG)
(COG)
(CH)Characteristic
50V
Product No.
MCH185A
(AN)0R5C
MCH185A
(AN)R75C
MCH185A
(AN)010C
MCH185A
(AN)1R1C
MCH185A
(AN)1R2C
MCH185A
(AN)1R3C
MCH185A
(AN)1R5C
MCH185A
(AN)1R6C
MCH185A
(AN)1R8C
MCH185A
(AN)020C
MCH185A
(AN)2R2C
MCH185A
(AN)2R4C
MCH185A
(AN)2R7C
MCH185A
(AN)030C
MCH185A
(AN)3R3C
MCH185A
(AN)3R6C
MCH185A
(AN)3R9C
MCH185A
(AN)040C
MCH185A
(AN)4R3C
MCH185A
(AN)4R7C
MCH185A
(AN)050C
MCH185A
(AN)5R1D
MCH185A
(AN)5R6D
MCH185A
(AN)060D
MCH185A
(AN)6R2D
MCH185A
(AN)6R8D
MCH185A
(AN)070D
MCH185A
(AN)7R5D
MCH185A
(AN)080D
MCH185A
(AN)8R2D
MCH185A
(AN)090D
MCH185A
(AN)9R1D
MCH185A
(AN)100D
MCH185A
(AN)110J
MCH185A
(AN)120J
MCH185A
(AN)130J
MCH185A
(AN)150J
MCH185A
(AN)160J
MCH185A
(AN)180J
MCH185A
(AN)200J
0.5
0.75
1.0
1.1
1.2
1.3
1.5
1.6
1.8
2.0
2.2
2.4
2.7
3.0
3.3
3.6
3.9
4.0
4.3
4.7
5.0
5.1
5.6
6
6.2
6.8
7
7.5
8
8.2
9
9.1
10
11
12
13
15
16
18
20
Temperature
Rated voltage(V)
Capacitance(pF)
50V
Product No.
MCH185CN221K
MCH185CN331K
MCH185CN471K
MCH185CN681K
MCH185CN102K
MCH185CN152K
MCH185CN222K
MCH185CN332K
MCH185CN472K
MCH185CN682K
MCH185CN103K
MCH185CN153K
MCH185CN223K
25V
Product No.
CN
(R)
(B)
(X7R)Characteristic
MCH182CN333K
MCH182CN473K
MCH182CN683K
MCH182CN104K
CN
(X5R)Characteristic
10V
Product No.
MCH184CN154K
MCH184CN224K
MCH184CN334K
MCH184CN474K
MCH184CN684K
MCH184CN105K
K
(±10%)
220
330
470
680
1,000
1,500
2,200
3,300
4,700
6,800
10,000
15,000
22,000
33,000
47,000
68,000
100,000
150,000
220,000
330,000
470,000
680,000
1,000,000
Temperature
Rated voltage(V)
Capacitance(pF)
50V
Product No.
MCH185FN102Z
MCH185FN222Z
MCH185FN472Z
MCH185FN103Z
MCH185FN223Z
MCH185FN473Z
MCH185FN104Z
25V
Product No.
FN
(F)
(Y5V)Characteristic
MCH182FN104Z
16V
Product No.
MCH183FN224Z
10V
Product No.
MCH184FN474Z
MCH184FN105Z
Z
(+80%,−20%)
1,000
2,200
4,700
10,000
22,000
47,000
100,000
220,000
470,000
1,000,000
Temperature
Rated voltage(V)
Capacitance(pF)
A
・AN(CG)
(COG)
(CH)Characteristic
50V
Product No.
MCH185A
(AN)220J
MCH185A
(AN)240J
MCH185A
(AN)270J
MCH185A
(AN)300J
MCH185A
(AN)330J
MCH185A
(AN)360J
MCH185A
(AN)390J
MCH185A
(AN)430J
MCH185A
(AN)470J
MCH185A
(AN)510J
MCH185A
(AN)560J
MCH185A
(AN)620J
MCH185A
(AN)680J
MCH185A
(AN)750J
MCH185A
(AN)820J
MCH185A
(AN)910J
MCH185A
(AN)101J
MCH185A
(AN)111J
MCH185A
(AN)121J
MCH185A
(AN)131J
MCH185A
(AN)151J
MCH185A
(AN)161J
MCH185A
(AN)181J
MCH185A
(AN)201J
MCH185A
(AN)221J
MCH185A
(AN)241J
MCH185A
(AN)271J
MCH185A
(AN)301J
MCH185A
(AN)331J
MCH185A
(AN)361J
MCH185A
(AN)391J
MCH185A
(AN)431J
MCH185A
(AN)471J
MCH185A
(AN)511J
MCH185A
(AN)561J
MCH185A
(AN)621J
MCH185A
(AN)681J
MCH185A
(AN)751J
MCH185A
(AN)821J
MCH185A
(AN)102J
J
(±5%)
0.8
±0.1
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
100
110
120
130
150
160
180
200
220
240
270
300
330
360
390
430
470
510
560
620
680
750
820
1,000
C
(±0.25pF)
D
(±0.5pF)
J
(±5%)
0.8
±0.1
0.8
±0.1
0.8
±0.1
Tolerance
Product thickness(mm)
Tolerance
Product thickness(mm)
Tolerance
Product thickness(mm)
Tolerance
Product thickness(mm)
1608(0603)Size chip capacitors : MCH18
Quick Reference
Product No. list
External dimensions (Unit : mm)
Production designation
Miniture, light weight
Achieved high capacitance by thin and multi layer technology
Lead-free plating terminal
No polarity
The design and specifications are subject to change without prior notice. Before ordering or using,
please check the latest technical specifications. For more detail information regarding temperature
characteristic code and packaging style code, please check product destination.
Range of thermal compensation capacitors
Thermal compensation capacitors
Range of high dielectric constant capacitors
High dielectric constant capacitors
Temperature
Rated voltage(V)
Product thickness(mm)
Capacitance(pF)
Capacitance tolerance
Nominal capacitance series
A,AN
(CG)
(C0G)
(CH)Characteristic
50V
0.8
± 0.1
0.5
∼820、1,000
〈11pF 以上〉:J( ± 5%),〈0.5 ∼ 5pF〉:C( ± 0.25pF),〈5.1 ∼ 10pF〉:D( ± 0.5pF)
E24
Packing style code
K
, L, C
MCH18
Temperature
Rated voltage(V)
Product thickness(mm)
Capacitance(pF)
Capacitance tolerance
Nominal capacitance series
FN
(F)
(Y5V)Characteristic
0.8
± 0.1
Z
(+80%,−20%)
E3
50V
1,000
∼100,000
25V
100,000
16V
220,000
10V
470,000
∼1,000,000
Packing style code
K
, L, C
MCH18
Temperature
Rated voltage(V)
Product thickness(mm)
Capacitance(pF)
Capacitance tolerance
Nominal capacitance series
50V
220
∼22,000
CN(X5R)Characteristic
10V
150,000
∼1,000,000
CN
(R)
(B)
(X7R)Characteristic
25V
0.8
± 0.1
33,000
∼100,000
K
(±10%)
E6
Packing style code
K
, L, C
MCH18
0.15Min.
0.4Min.
1.6
±0.1
0.8
±0.1
Rated voltage
Part No.
M C H 1
4
3
2
5
Code
Packing Style
1
Temp. coefficient or percent change
Operating temp. range(℃)
Capacitance-temperature characteristics
EIA code
A,AN
CN
FN
Code
CG
(C0G)
CH
R
B
(X5R)
(X7R)
F
(Y5V)
8
2
−55∼+125
−55∼+125
−55∼+125
−25∼+ 85
(−55∼+ 85)
(−55∼+125)
−25∼+ 85
(−30∼+ 85)
F
0
±30ppm/℃
0
±60ppm/℃
±15%
±10%
(±15%)
(±15%)
+30%, −80%
(+22%, −82%)
0 3
Code
K
L
C
Prduct thickness
0.8mm
0.8mm
0.8mm
Packing specification
Paper tape(width 8mm, pitch 4mm)
Paper tape(width 8mm, pitch 4mm)
Bulk case
Reel
φ180mm(7in.)
φ330mm(13in.)
Basic ordering unit(pcs.)
4,000
16,000
15,000
Z K
10V
16V
25V
50V
Voltage
Capacitance tolerance
Code
±0.25pF(0.5∼5pF)
±0.5pF(5.1∼10pF)
±5%(11pF or more)
±10%
+80%, −20%
Tolerance
C
D
J
K
Z
N
Reel(φ180,φ330mm):compatible with EIAJ ET-7200A
Bulk case:compatible with EIAJ ET-7201A
×2
3-digit
designation
accordijg
to IEC
Nominal
capacitance
∗ : Packaging Code
∗ : Packaging Code
∗ : Packaging Code


Similar Part No. - MCH183AN103CC

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH183A104CC ROHM-MCH183A104CC Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH183A104CK ROHM-MCH183A104CK Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH183A104CL ROHM-MCH183A104CL Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH183A104DC ROHM-MCH183A104DC Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH183A104DK ROHM-MCH183A104DK Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
More results

Similar Description - MCH183AN103CC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP18WM154J03RB MURATA-NCP18WM154J03RB Datasheet
1Mb / 44P
   Temperature Sensor and Compensation 0603 (1608) Size
logo
WALSIN TECHNOLOGY CORPO...
RFDIP1608060LW8Q1C WALSIN-RFDIP1608060LW8Q1C Datasheet
455Kb / 3P
   LTCC Multi Layer Ceramic Diplexer- 1608 (0603) size
RFDIP1608070G4T WALSIN-RFDIP1608070G4T Datasheet
219Kb / 3P
   LTCC Multi Layer Ceramic Diplexer- 1608 (0603) size
logo
Kingbright Corporation
APT1608XXX KINGBRIGHT-APT1608XXX Datasheet
214Kb / 1P
   SUPER THIN SMD CHIP LED 1608(0603)
logo
Rohm
CSL1104WBX ROHM-CSL1104WBX Datasheet
962Kb / 11P
   1608 (0603) size, compact and high intensity reflector type
logo
WALSIN TECHNOLOGY CORPO...
RFLPF1608060ABT WALSIN-RFLPF1608060ABT Datasheet
400Kb / 2P
   LTCC Multi Layer Ceramic Low Pass Filter- 0603 (1608) size
RFLPF1608060FM1T73 WALSIN-RFLPF1608060FM1T73 Datasheet
287Kb / 3P
   LTCC Multi Layer Ceramic Low Pass Filter- 0603 (1608) size
RFLPF1608060Y5T WALSIN-RFLPF1608060Y5T Datasheet
287Kb / 2P
   LTCC Multi Layer Ceramic Low Pass Filter- 1608 (0603) size
logo
Sharp Corporation
LT1U67A SHARP-LT1U67A Datasheet
106Kb / 5P
   1608 Size, 0.8mm Thickness, Leadless Chip LED Devices
logo
List of Unclassifed Man...
LT1X67A ETC-LT1X67A Datasheet
107Kb / 5P
   1608 Size, 0.8mm Thickness, Leadless Chip LED Devices
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com