Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2045SD3 Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2045SD3
Description  General Specifications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2045SD3 Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2045SD3 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2045SD3 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2045SD3 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2045SD3 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2045SD3 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2045SD3 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2045SD3 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2045SD3 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2045SD3 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Series M
Bushing Mount Miniature Toggles
A55
A
www.nkkswitches.com
TYPICAL SWITCH
ORDERING EXAMPLE
SPDT
ON-OFF-ON Circuit
1/4–40 .350” (8.9mm)
Threaded Bushing with Keyway
Contact Materials & Ratings
W
Silver; Rated
6A @ 125V AC & 3A @ 250V AC
G
Gold; Rated
0.4VA max @ 28V AC/DC max
A
Gold over Silver; Rated
6A @ 125V AC & 0.4VA max @
28V AC/DC max
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
M2013SS1W01
.413” (10.5mm) Bat Toggle
Terminals
01
Solder Lug
02
Quick Connect
03
.250” (6.35mm) Straight PC
05
.425” (10.8mm) Wirewrap
06
.750” (19.05mm) Wirewrap
07
.964” (24.5mm) Wirewrap
08
1.062” (27.0mm) Wirewrap
Silver Contacts
with 6–Amp Rating
Solder Lug Terminals
Optional Caps
For Small Bat Toggles
B
For S Bat Toggle
C
Conical Cap for S Bat Toggle
For Large Bat Toggles
R
For B Toggle
V
For B2 Toggle
Cap Colors
A
Black
B
White
C
Red
E
Yellow
F
Green
G
Blue
W
01
Cap for Locking Lever
No
Code
Nickel Plated Supplied
with Switch
A
Black
C
Red
G
Blue


Similar Part No. - M2045SD3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M2045S VISHAY-M2045S Datasheet
123Kb / 4P
   High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jul-06
M2045S VISHAY-M2045S Datasheet
136Kb / 4P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 19-May-08
M2045S-E3 VISHAY-M2045S-E3 Datasheet
120Kb / 5P
   Schottky Barrier Rectifier
Revision: 28-Nov-13
M2045S-E3 VISHAY-M2045S-E3 Datasheet
108Kb / 4P
   Schottky Barrier Rectifier
08-Feb-17
M2045S-E3/4W VISHAY-M2045S-E3/4W Datasheet
123Kb / 4P
   High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jul-06
More results

Similar Description - M2045SD3

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com