Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMC507 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # OMC507
Description  FULL-FEATURED CIRCUIT BOARD ASSEMBLY FOR DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OMC507 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  OMC507 Datasheet HTML 1Page - List of Unclassifed Manufacturers OMC507 Datasheet HTML 2Page - List of Unclassifed Manufacturers OMC507 Datasheet HTML 3Page - List of Unclassifed Manufacturers OMC507 Datasheet HTML 4Page - List of Unclassifed Manufacturers OMC507 Datasheet HTML 5Page - List of Unclassifed Manufacturers OMC507 Datasheet HTML 6Page - List of Unclassifed Manufacturers OMC507 Datasheet HTML 7Page - List of Unclassifed Manufacturers OMC507 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Parameter
Symbol
Conditions (Note 1)
MIN.
TYP.
MAX.
Units
Power Output Section
Zero Gate Voltage Drain Current
Idss
(N-CH) Vds = 60Vdc
1
µA
Vgs = 0V
(P-CH) Vds = -60Vdc
-1µA
Vgs = 0V
Drain-to-Source On-Resistance
Rds(on)
(N-CH) Id =30 A
0.008
Ohms
Vgs = 10V (Note 2)
(P-CH) Id =-30 A
0.020
Ohms
Vgs = -10V (Note 2)
Gate Body Leakage Current
Igss
Vgs = + 20 Vdc
+ 100
nA
Vds = 0V
Diode Forward Voltage
VSD
(N-CH)IF = 30 A (Note 2)
0.9
V
Vgs = 0V
(P-CH) IF = -30 A
-1.0
V
Vgs = 0V
Diode Reverse Recovery Time
t
r
r
(N-CH)IF =75 A,
120
nSec
di/dt = 100A/usec,
Vgs = 0V
(P-CH) IF = -65 A
120
nSec
di/dt = 100A/usec,
Vgs = 0V
Control Section
Control Supply Current
Icc
Tc over operating range
100
m A
Control Turn-On Threshold
Vcc(+)
Tc over operating range
9.45
V
Reference Section
Output Voltage
Vref
4.9
5.0
5.1
V
Output Current
Io30
m A
Current-Sense Amplifier Section
Peak Current Threshold Voltage
Vpk
V(pin 12) = 0V, V(pin 13)
0.14
0.20
0.26
V
Varied to Threshold
Over Current Threshold Voltage
Voc
V(pin 12) = 0V, V(pin 13)
0.26
0.30
0.36
V
Varied to Threshold
Amplifier Voltage Gain
Av
V(pin 12) = 0.3V, V(pin 13)
1.75
1.95
2.15
V/V
= 0.5V to 0.7V
Amplifier Level Shift
-
-
V(pin 12) = V(pin13) = 0.3V
2.4
2.5
2.65
V
Logic Input Section
H1, H2, H3 Low Voltage Threshold
Vil
Tc over operating range
0.8
1.0
1.2
V
H1, H2, H3 High Voltage Threshold
Vih
Tc over operating range
1.6
1.9
2.0
V
H1, H2, H3 Input Current
I
i
n
Tc over operating range,
-400
-250
-120
uA
V(pin 8, 9 or 10) = 0Vdc
Direction Threshold Voltage
Vth
Tc over operating range
0.8
1.4
2.0
V
Direction Voltage Hysteresis
Vh
0.6
V
Direction Input Current
I
i
n
-30
-130
uA
Enable Input Section
Enable Threshold Voltage
Vth
2.0
V
Enable Input Current
I
i
n
100
uA
2.1 - 4
OMC507
ELECTRICAL CHARACTERISTICS (Note 1)


Similar Part No. - OMC507

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OMC506 IRF-OMC506 Datasheet
75Kb / 7P
   Closed Loop Speed Controller For 3-Phase Brushless DC Motor MP-3T Package
More results

Similar Description - OMC507

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM9369CM ETC-OM9369CM Datasheet
121Kb / 10P
   FULL-FEATURED POWER MODULE FOR HIGH-VOLTAGE DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTORS
logo
International Rectifier
OM9373 IRF-OM9373 Datasheet
150Kb / 14P
   FULL-FEATURED POWER MODULE FOR DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTOR
OM9369 IRF-OM9369 Datasheet
149Kb / 14P
   FULL-FEATURED POWER MODULE FOR HIGH VOLTAGE DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTOR
logo
Toshiba Semiconductor
TB6537P TOSHIBA-TB6537P Datasheet
195Kb / 15P
   3-Phase Full-Wave Sensorless Controller for Brushless DC Motors
TB6537P TOSHIBA-TB6537P_06 Datasheet
253Kb / 17P
   3-PHASE FULL-WAVE SENSORLESS CONTROLLER FOR BRUSHLESS DC MOTORS
TC78B015AFTG TOSHIBA-TC78B015AFTG Datasheet
603Kb / 31P
   3-phase Driver for Brushless DC Motors
2017-02-01
TC78B015BFTG TOSHIBA-TC78B015BFTG Datasheet
627Kb / 29P
   3-phase Driver for Brushless DC Motors
2016-12-26
TC78B015FTG TOSHIBA-TC78B015FTG Datasheet
596Kb / 31P
   3-phase Driver for Brushless DC Motors
2017-02-01
TC78B015CFTG TOSHIBA-TC78B015CFTG Datasheet
627Kb / 29P
   3-phase Driver for Brushless DC Motors
2016-12-26
logo
Micropac Industries
42144 MICROPAC-42144 Datasheet
143Kb / 5P
   RADIATION TOLERANT FULL BRIDGE POWER DRIVER HYBRID FOR 3-PHASE BRUSHLESS DC MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com