Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2035S3D3 Datasheet(PDF) 10 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2035S3D3
Description  General Specifications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2035S3D3 Datasheet(HTML) 10 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button M2035S3D3 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2035S3D3 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2035S3D3 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2035S3D3 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. M2035S3D3 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. M2035S3D3 Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. M2035S3D3 Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd. M2035S3D3 Datasheet HTML 13Page - Nihon Kaiheiki Industry Co. Ltd. M2035S3D3 Datasheet HTML 14Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Series M
Bushing Mount Miniature Toggles
A61
A
www.nkkswitches.com
TERMINALS
OPTIONAL CAPS & CAP COLORS
01
03
05
08
07
06
Solder Lug
02 .062” (1.57mm) Wide
Quick Connect
.425” (10.8mm)
Wirewrap or Extended PC
.750” (19.05mm)
Wirewrap or Extended PC
.964” (24.5mm)
Wirewrap or Extended PC
1.062” (27.0mm)
Wirewrap or Extended PC
.250” (6.35mm)
Straight PC
If using as extended PC terminal, refer to the above footprints.
Dimension A =
terminal lengths
as shown beside
the terminal codes
at the left.
Single Pole
Double Pole
Three Pole
Four Pole
(6.35)
.250
Epoxy Seal
Thk = (0.8)
.031
(1.57)
.062
Epoxy Seal
(2.0)
.079
(2.0)
.079
(4.0)
.157
(1.1)
.043
Thk = (0.8)
.031
Thk = (0.8)
.031
Epoxy Seal
A
(1.27)
.050
(4.8) Typ
.189
(4.7) Typ
.185
(1.8) Dia Typ
.073
1
2
3
6
5
47
8
9
(4.8) Typ
.189
(4.7) Typ
.185
(1.8) Dia Typ
.073
1
2
3
6
5
47
8
9
12
11
10
(4.7) Typ
.185
(1.8) Dia Typ
.073
1
2
3
* AT415 Lever Cap
for S Bat Toggle
* AT444 Conical Cap
for S Bat Toggle
AT434 Lever Cap
for B Toggle
R
C
B
AT406 Lever Cap
for B2 Toggle
V
Black
A
Cap Colors
Available:
White
B
Red
C
Yellow
E
Green
F
Blue
G
Material:
Polyethylene
Material:
Polyvinyl Chloride
Material:
Polyvinyl Chloride
Material:
Polyethylene
(5.0) Dia
.197
(13.5)
.532
(12.0)
.472
25°
25°
(4.8) Dia
.189
(11.5)
.452
(13.1)
.516
25°
(6.6) Dia
.260
(12.3)
.484
(13.5)
.531
25°
(8.0) Dia
.315
(18.5)
.728
(18.0)
.709
(4.7) Typ
.185
(4.8)
.189
(1.8) Dia Typ
.073
1
2
3
6
5
4
Epoxy Seal
(4.8)
.189
(6.35)
.250
(1.17)
.046
Thk = (0.8)
.031
CONTACT MATERIALS & RATINGS
A
W
G
Silver over Silver
Power Level
6A @ 125V AC & 3A @ 250V AC
Gold over Brass or Copper
Logic Level
6A @ 125V AC & 3A @ 250V AC
Gold over Silver
Power Level
6A @ 125V AC
or Logic Level
or 0.4VA maximum @ 28V AC/DC maximum
Note: See Supplement section to find complete explanation of operating range.
Note: This dual rated option is suitable when two or more identical switches are used in logic and in power circuits within
the same application. See Supplement section to find complete explanation of dual rating and operating range.
* AT415 and AT444 for use with S toggles only, not S2 or S3 toggles.


Similar Part No. - M2035S3D3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2035S3A2W40-BA ETC2-M2035S3A2W40-BA Datasheet
343Kb / 10P
   General Specifications
M2035S3S1W40-BA ETC2-M2035S3S1W40-BA Datasheet
343Kb / 10P
   General Specifications
More results

Similar Description - M2035S3D3

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com