Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA381 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA381
Description  Precision, Low Power, 18MHz Transimpedance Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA381 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button OPA381 Datasheet HTML 3Page - Burr-Brown (TI) OPA381 Datasheet HTML 4Page - Burr-Brown (TI) OPA381 Datasheet HTML 5Page - Burr-Brown (TI) OPA381 Datasheet HTML 6Page - Burr-Brown (TI) OPA381 Datasheet HTML 7Page - Burr-Brown (TI) OPA381 Datasheet HTML 8Page - Burr-Brown (TI) OPA381 Datasheet HTML 9Page - Burr-Brown (TI) OPA381 Datasheet HTML 10Page - Burr-Brown (TI) OPA381 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
OPA381
OPA2381
SBOS313B − AUGUST 2004 − REVISED NOVEMBER 2004
www.ti.com
7
TYPICAL CHARACTERISTICS: VS = +2.7V to +5.5V (continued)
All specifications at TA = +25°C, and RL = 10kΩ connected to VS/2, unless otherwise noted.
SMALL−SIGNAL STEP RESPONSE
(with or without pull−down)
Time (100ns/div)
50k
10k
CF
VP
200kHz (C
F = 16pF)
1MHz
(C
F = 3pF)
V
P =0V or − 5V
OPA381
LARGE−SIGNAL STEP RESPONSE
(with pull−down)
Time (100ns/div)
50k
10k
3pF
−5V
OPA3 81
LARGE−SIGNAL STEP RESPONSE
(without pull−down)
Time (100ns/div)
50k
10k
CF
1MHz
(C
F =3pF)
200kHz
(C
F =16pF)
OPA381
OVERLOAD RECOVERY
Time (ns)
6
4
2
0
0.8
0
0
100
200
300
400
500
600
700
800
900 1000
V
OUT
20k
10k
IIN
VP
40pF
250
µA
I
IN
Nonlinear
Operation
Linear
Operation
OPA381
OPA2381
V
P =0V or − 5V
OPA381
1000
100
10
1
INPUT VOLTAGE NOISE SPECTRAL DENSITY
Frequency (Hz)
10
100
100k
1M
10k
1k
10M
CHANNEL SEPARATION vs INPUT FREQUENCY
Input Frequency (Hz)
160
140
120
100
80
60
40
20
0
−20
−40
10
100
1k
10k
100k
1M
10M
100M
OPA2381


Similar Part No. - OPA381

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA381 TI1-OPA381 Datasheet
997Kb / 24P
[Old version datasheet]   Precision, Low Power, 18MHz Transimpedance Amplifier
OPA381AIDGKR TI1-OPA381AIDGKR Datasheet
997Kb / 24P
[Old version datasheet]   Precision, Low Power, 18MHz Transimpedance Amplifier
OPA381AIDGKT TI1-OPA381AIDGKT Datasheet
997Kb / 24P
[Old version datasheet]   Precision, Low Power, 18MHz Transimpedance Amplifier
OPA381AIDGKTG4 TI1-OPA381AIDGKTG4 Datasheet
997Kb / 24P
[Old version datasheet]   Precision, Low Power, 18MHz Transimpedance Amplifier
OPA381AIDRBR TI1-OPA381AIDRBR Datasheet
997Kb / 24P
[Old version datasheet]   Precision, Low Power, 18MHz Transimpedance Amplifier
More results

Similar Description - OPA381

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA381 TI1-OPA381 Datasheet
997Kb / 24P
[Old version datasheet]   Precision, Low Power, 18MHz Transimpedance Amplifier
logo
NXP Semiconductors
SA5222 PHILIPS-SA5222 Datasheet
80Kb / 8P
   Low-power FDDI transimpedance amplifier
1995 Apr 26
logo
Burr-Brown (TI)
IVC102 BURR-BROWN-IVC102 Datasheet
124Kb / 10P
   PRECISION SWITCHED INTEGRATOR TRANSIMPEDANCE AMPLIFIER
logo
Texas Instruments
IVC102 TI1-IVC102 Datasheet
664Kb / 15P
[Old version datasheet]   PRECISION SWITCHED INTEGRATOR TRANSIMPEDANCE AMPLIFIER
logo
Burr-Brown (TI)
OPA380 BURR-BROWN-OPA380 Datasheet
362Kb / 18P
   Precision, High-Speed Transimpedance Amplifier
logo
Texas Instruments
OPA380AID TI-OPA380AID Datasheet
695Kb / 22P
[Old version datasheet]   Precision, High-Speed Transimpedance Amplifier
logo
Maxim Integrated Produc...
MAX3271 MAXIM-MAX3271 Datasheet
558Kb / 8P
   3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
MAX3657 MAXIM-MAX3657_V01 Datasheet
755Kb / 15P
   155Mbps Low-Noise Transimpedance Amplifier
19-2834; Rev 3; 11/05
logo
SIRENZA MICRODEVICES
SFT-0100 SIRENZA-SFT-0100 Datasheet
162Kb / 4P
   Transimpedance Amplifier
logo
Maxim Integrated Produc...
MAX3657 MAXIM-MAX3657 Datasheet
433Kb / 15P
   155Mbps Low-Noise Transimpedance Amplifier
Rev 2; 2/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com