Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2607U Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA2607U
Description  Dual, High Output, Current-Feedback OPERATIONAL AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2607U Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button OPA2607U Datasheet HTML 3Page - Burr-Brown (TI) OPA2607U Datasheet HTML 4Page - Burr-Brown (TI) OPA2607U Datasheet HTML 5Page - Burr-Brown (TI) OPA2607U Datasheet HTML 6Page - Burr-Brown (TI) OPA2607U Datasheet HTML 7Page - Burr-Brown (TI) OPA2607U Datasheet HTML 8Page - Burr-Brown (TI) OPA2607U Datasheet HTML 9Page - Burr-Brown (TI) OPA2607U Datasheet HTML 10Page - Burr-Brown (TI) OPA2607U Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
®
OPA2607
DESIGN-IN TOOLS
DEMONSTRATION BOARDS
Several PC boards are available to assist in the initial
evaluation of circuit performance using the OPA2607 in its
3 package styles. All are available free as an unpopulated
PC board delivered with descriptive documentation. The
summary information for these boards is shown in Table I.
The buffer gain is typically very close to 1.00 and is
normally neglected from signal gain considerations. It will,
however set the CMRR for a single op amp differential-
amplifier configuration. For a buffer gain
α < 1.0, the
CMRR = –20 • log (1–
α) dB.
RI, the buffer output impedance, is a critical portion of the
bandwidth control equation. The OPA2607 has an RI typi-
cally about 33
Ω.
A current-feedback op amp senses an error current in the
inverting node (as opposed to a differential input error
voltage for a voltage-feedback op amp) and passes this on to
the output through an internal frequency dependent
transimpedance gain. The typical performance curves show
this open-loop transimpedance response. This is analogous
to the open-loop voltage gain curve for a voltage-feedback
op amp. Developing the transfer function for the circuit of
Figure 2 gives Equation 1:
This is written in a loop-gain analysis format where the
errors arising from a finite open-loop gain are shown in the
denominator. If Z(s) were infinite over all frequencies, the
denominator of Equation 1 would reduce to 1 and the ideal
desired signal gain shown in the numerator would be achieved.
The fraction in the denominator of Equation 1 determines
the frequency response. Equation 2 shows this as the loop-
gain equation:
Contact the Burr-Brown applications support line to request
any of these boards.
MACROMODELS AND APPLICATIONS SUPPORT
Computer simulation of circuit performance using SPICE is
often useful when analyzing the performance of analog
circuits and systems. This is particularly true for video and
RF amplifier circuits where parasitic capacitance and induc-
tance can have a major effect on circuit performance. SPICE
models for some op amps are available through the Burr-
Brown web site (http://www.burr-brown.com). These mod-
els do a good job of predicting small-signal AC and transient
performance under a wide variety of operating conditions.
They do not do as well in predicting the harmonic distortion,
dG/dP, or temperature characteristics. These models do not
attempt to distinguish between the package types in their
small-signal AC performance, nor do they attempt to simu-
late channel-to-channel coupling.
OPERATING SUGGESTIONS
SETTING RESISTOR VALUES TO
OPTIMIZE BANDWIDTH
A current-feedback op amp like the OPA2607 can hold an
almost constant bandwidth over signal gain settings with the
proper adjustment of the external resistor values. This is
shown in the Typical Performance Curves; the small-signal
bandwidth decreases only slightly with increasing gain. Those
curves also show that the feedback resistor has been changed
for each gain setting. The resistor “values” on the inverting
side of the circuit for a current-feedback op amp can be
treated as frequency- response compensation elements while
their “ratios” set the signal gain. Figure 2 shows the small-
signal frequency-response analysis circuit for the OPA2607.
The key elements of this current feedback op amp model are:
α → Buffer Gain from the Non-inverting Input to the Inverting Input
RI → Buffer Output Impedance
iERR → Feedback Error Current Signal
Z(s)
→ Frequency Dependent Open Loop Transimpedance Gain
from iERR to VO
DEMO BOARD
ORDERING
PRODUCT
PACKAGE
NUMBER
NUMBER
OPA2607U
SO-8
DEM-OPA268xU
MKT-352
OPA2607N
SO-14 SO-Cool
DEM-OPA2607N
MKT-367
OPA2607H
SO-8 SO-Cool
DEM-OPA2607H
MKT-366
R
F
V
O
R
G
R
I
Z
(S) IERR
I
ERR
α
V
I
FIGURE 2. Current-Feedback Transfer Function Analysis
Circuit.
V
O
V
I
=
α 1 +
R
F
R
G


1
+
R
F + R I
1
+
R
F
R
G


Z
(S)
=
α NG
1
+
R
F + R I NG
Z
(S)
NG
≡ 1 +
R
F
R
G


(1)
Z
(S)
R
F + R I NG
= Loop Gain
(2)
TABLE I.


Similar Part No. - OPA2607U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2607 TI1-OPA2607 Datasheet
915Kb / 28P
[Old version datasheet]   OPAX607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
OPA2607 TI-OPA2607 Datasheet
2Mb / 43P
[Old version datasheet]   OPAx607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
OPA2607 TI-OPA2607 Datasheet
1Mb / 31P
[Old version datasheet]   OPAx607-Q1, Automotive, 50-MHz , Rail to Rail Output CMOS Operational Amplifier
OPA2607 TI-OPA2607 Datasheet
2Mb / 45P
[Old version datasheet]   OPAx607 50-MHz, Low-Power, Rail-to-Rail Output CMOS Operational Amplifier for Cost Sensitive Systems
OPA2607 TI-OPA2607 Datasheet
3Mb / 48P
[Old version datasheet]   OPAx607 50-MHz, Low-Power, Rail-to-Rail Output CMOS Operational Amplifier for Cost Sensitive Systems
More results

Similar Description - OPA2607U

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40123 ZARLINK-ZL40123 Datasheet
325Kb / 16P
   High Speed, Current Feedback Dual Operational Amplifier
ZL40123 ZARLINK-ZL40123_06 Datasheet
219Kb / 17P
   High Speed, Current Feedback Dual Operational Amplifier
logo
Analog Devices
OP-260 AD-OP-260 Datasheet
763Kb / 6P
   DUAL, HIGH-SPEED, CURRENT FEEDBACK, OPERATIONAL AMPLIFIER
5/90,Rev.C1
logo
Texas Instruments
OPA2681 TI1-OPA2681 Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
OPA2691 TI1-OPA2691 Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER
logo
ON Semiconductor
MC33076 ONSEMI-MC33076 Datasheet
213Kb / 12P
   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
logo
Texas Instruments
TL3414A TI-TL3414A Datasheet
103Kb / 6P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_07 Datasheet
420Kb / 12P
[Old version datasheet]   DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_06 Datasheet
208Kb / 9P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2723 NJRC-NJM2723 Datasheet
295Kb / 11P
   High Speed Current Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com