Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P485 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # P485
Description  SSC P485 PL Transceiver IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

P485 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button P485 Datasheet HTML 5Page - List of Unclassifed Manufacturers P485 Datasheet HTML 6Page - List of Unclassifed Manufacturers P485 Datasheet HTML 7Page - List of Unclassifed Manufacturers P485 Datasheet HTML 8Page - List of Unclassifed Manufacturers P485 Datasheet HTML 9Page - List of Unclassifed Manufacturers P485 Datasheet HTML 10Page - List of Unclassifed Manufacturers P485 Datasheet HTML 11Page - List of Unclassifed Manufacturers P485 Datasheet HTML 12Page - List of Unclassifed Manufacturers P485 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
SSC P485 PL Transceiver IC
July 1998
9
Revision 5
24000828
ADVANCE INFORMATION
S1
S1
34
07
St
Sp
12
56
DI
RO
Transmitter #1
character 1
character 2
character 1 echoed
character 2 received
SI
SO
preamble
character 1
character 2
ILD
sync
stuff
Network Bit Time Tracking
S
2
01
7
St
Sp
56
34
S1
S1
S1
S1
S1
S2
S2
S1
S2
S1
S1
S2
S1
S2
S1
S1
S1
34
07
St
Sp
12
5
6
S2
S2
S2
S1
S1
S1
S2
S1
S2
S1
stuff
S2
2
01
7
St
Sp
56
34
DI
RO
Transmitter #2 (Receiver)
character 1 received
SI
SO
ILD
34
07
St
Sp
12
5
6
S2
S2
S2
S2
S2
S1
S1
preamble
character 1
character 2
sync
stuff
S
S1
S1
S1
S1
S1
S2
S2
S1
S2
S1
S1
S2
S1
S2
S1
S1
S1
S2
S2
S2
S1
S1
S1
S2
S1
S2
S1
stuff
S2
S2
S2
S2
S2
S2
preamble
character 1
character 2
sync
stuff
S
S1
S1
S1
S1
S1
S2
S2
S1
S2
S1
S1
S2
S1
S2
S1
S1
S1
S2
S2
S2
S1
S1
S1
S2
S1
S2
S1
S2
S2
S2
S2
S2
2 bit
times
2 bit
times
S1
S1
S2
S2
01
St
St
2.5 bit
times
character 2 received
2
01
7
St
Sp
56
34
St
2.5 bit
times
S1
S1
stuff
S2
S1
S2
34
07
St
Sp
12
5
6
character 1
preamble
S
S2
S2
Figure 6. Contention Resolution Timing


Similar Part No. - P485

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
P48-21-00 SYSTEMSENSOR-P48-21-00 Datasheet
169Kb / 2P
   High-Temperature Duct Smoke Detector
P48-55-00 SYSTEMSENSOR-P48-55-00 Datasheet
289Kb / 4P
   4-Wire Ionization Duct Smoke Detector
logo
Red Lion Controls. Inc
P4800011 REDLION-P4800011 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
logo
Teccor Electronics
P4802A TECCOR-P4802A Datasheet
1Mb / 212P
   solid state crowbar devices
logo
Littelfuse
P4802AAL LITTELFUSE-P4802AAL Datasheet
154Kb / 3P
   Two-chip SIDACtor
More results

Similar Description - P485

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSC-P300 ETC2-SSC-P300 Datasheet
69Kb / 2P
   PL Network Interface Controller IC, CEBus Compliant
logo
ATMEL Corporation
B10011S ATMEL-B10011S_07 Datasheet
258Kb / 12P
   Can Transceiver IC
B10011S ATMEL-B10011S Datasheet
127Kb / 11P
   CAN TRANSCEIVER IC
logo
STMicroelectronics
L9663 STMICROELECTRONICS-L9663 Datasheet
1Mb / 104P
   PSI5 Transceiver IC
logo
ATMEL Corporation
B10011S ATMEL-B10011S_05 Datasheet
208Kb / 12P
   Can Transceiver IC
logo
List of Unclassifed Man...
TR5100 ETC1-TR5100 Datasheet
115Kb / 9P
   FM Transceiver IC
logo
Texas Instruments
CDCS501 TI-CDCS501 Datasheet
309Kb / 10P
[Old version datasheet]   SSC Clock Generator/Buffer
logo
ATGBICS by Approved Tec...
01-SSC-9789-C ATGBICS-01-SSC-9789-C Datasheet
293Kb / 8P
   01-SSC-9789 SonicWall Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
logo
Silicon Laboratories
SL38000-15AH SILABS-SL38000-15AH Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
logo
ATGBICS by Approved Tec...
01-SSC-9790-C ATGBICS-01-SSC-9790-C Datasheet
322Kb / 9P
   01-SSC-9790 SonicWall Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com