Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P485 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # P485
Description  SSC P485 PL Transceiver IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

P485 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button P485 Datasheet HTML 7Page - List of Unclassifed Manufacturers P485 Datasheet HTML 8Page - List of Unclassifed Manufacturers P485 Datasheet HTML 9Page - List of Unclassifed Manufacturers P485 Datasheet HTML 10Page - List of Unclassifed Manufacturers P485 Datasheet HTML 11Page - List of Unclassifed Manufacturers P485 Datasheet HTML 12Page - List of Unclassifed Manufacturers P485 Datasheet HTML 13Page - List of Unclassifed Manufacturers P485 Datasheet HTML 14Page - List of Unclassifed Manufacturers P485 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
SSC P485 PL Transceiver IC
July 1998
11
Revision 5
24000828
ADVANCE INFORMATION
Spread Spectrum Carrier
TM
Technology
Spread Spectrum Carrier
TM
(SSC) Technology is a method of spread spectrum communications suitable for both
point-to-point or carrier sense multiple access (CSMA) networks. Historically, spread spectrum communication
systems have been used for secure communications and/or to overcome narrow-band impairments in the
communications medium. Spread spectrum receivers generally require an initial period of time to synchronize
with the carrier, so they have not been appropriate for CSMA networks. Spread Spectrum Carrier Technology is
a method by which a series of short, self-synchronizing, frequency swept "chirps" act as a carrier. The chirps are
always of the same known pattern and detectable by all of the nodes on the network. The chirp ranges in
frequency from 100 to 400 kHz over a duration of 100 µs. The chirp is swept from approximately 200 kHz to
400 kHz and then from 100 kHz to 200 kHz. Figure 8 illustrates the SSC power line chirp.
Figure 8. Spread Spectrum Carrier Chirp
Preamble Encoding
Two modulation schemes are used for symbol transmission by the physical layer. Amplitude Shift Keying (ASK)
is used in the preamble of the message packet. ASK modulation uses SUPERIOR and INFERIOR states to
encode symbols. A SUPERIOR state is represented by the presence of a chirp and an inferior state by the
absence of a chirp. Because the transmitter is quiet during inferior states, superior states transmitted by other
devices contending for the channel can be detected during the preamble of the packet. An example of ASK
modulation is shown in Figure 9. Note that in the preamble, the duration of a symbol is slightly longer than in the
body of the packet. A preamble symbol is 114 µs in length. Symbols in the sync sequence and the Packet Body
are 100 µs in length. Please note the “Chirp” is ALWAYS 100µs in length and is followed by 14 µs of quiet time
during the preamble.
Data Encoding
Phase Reversal Keying (PRK) utilizes two phases of the SUPERIOR state, SUPERIOR S1 and SUPERIOR S2,
which are 180° out of phase with one another, to modulate the encoded data. This modulation technique is more
robust than the ASK technique, because it allows the P485 to correlate and track each symbol rather than just
those encoded as SUPERIOR states. Figure 9 shows an example of PRK.


Similar Part No. - P485

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
P48-21-00 SYSTEMSENSOR-P48-21-00 Datasheet
169Kb / 2P
   High-Temperature Duct Smoke Detector
P48-55-00 SYSTEMSENSOR-P48-55-00 Datasheet
289Kb / 4P
   4-Wire Ionization Duct Smoke Detector
logo
Red Lion Controls. Inc
P4800011 REDLION-P4800011 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
logo
Teccor Electronics
P4802A TECCOR-P4802A Datasheet
1Mb / 212P
   solid state crowbar devices
logo
Littelfuse
P4802AAL LITTELFUSE-P4802AAL Datasheet
154Kb / 3P
   Two-chip SIDACtor
More results

Similar Description - P485

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSC-P300 ETC2-SSC-P300 Datasheet
69Kb / 2P
   PL Network Interface Controller IC, CEBus Compliant
logo
ATMEL Corporation
B10011S ATMEL-B10011S_07 Datasheet
258Kb / 12P
   Can Transceiver IC
B10011S ATMEL-B10011S Datasheet
127Kb / 11P
   CAN TRANSCEIVER IC
logo
STMicroelectronics
L9663 STMICROELECTRONICS-L9663 Datasheet
1Mb / 104P
   PSI5 Transceiver IC
logo
ATMEL Corporation
B10011S ATMEL-B10011S_05 Datasheet
208Kb / 12P
   Can Transceiver IC
logo
List of Unclassifed Man...
TR5100 ETC1-TR5100 Datasheet
115Kb / 9P
   FM Transceiver IC
logo
Texas Instruments
CDCS501 TI-CDCS501 Datasheet
309Kb / 10P
[Old version datasheet]   SSC Clock Generator/Buffer
logo
ATGBICS by Approved Tec...
01-SSC-9789-C ATGBICS-01-SSC-9789-C Datasheet
293Kb / 8P
   01-SSC-9789 SonicWall Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
logo
Silicon Laboratories
SL38000-15AH SILABS-SL38000-15AH Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
logo
ATGBICS by Approved Tec...
01-SSC-9790-C ATGBICS-01-SSC-9790-C Datasheet
322Kb / 9P
   01-SSC-9790 SonicWall Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com