Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CE02-2A20-29P-D Datasheet(PDF) 1 Page - DDK Ltd.

Part # CE02-2A20-29P-D
Description  Waterproof Circular Connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CE02-2A20-29P-D Datasheet(HTML) 1 Page - DDK Ltd.

  CE02-2A20-29P-D Datasheet HTML 1Page - DDK Ltd. CE02-2A20-29P-D Datasheet HTML 2Page - DDK Ltd. CE02-2A20-29P-D Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
CE02-2A Series is intermateable with D/MS series (MIL-
DTL-5015 compatible).
In order to correspond to various
environments whereindustrial equipment is set up, CE02-2A
series connector withstands moisture, oil and vibration by
using synthetic rubber at the front insert.
This connector is ideal for use under the external condition such as industrial equipment which needs to
withstand moisture, oil and dust.
CE02-2A Series
Waterproof Circular Connectors
RoHS
Compliant
RoHS
Compliant
110603
Lock Type
Threaded
Coupling
Item
Material / Finish
Shell
Aluminum Alloy / Black Trivalent Chromium Treatment
Front Insert
Synthetic Rubber (Silcone)
Middle Insert
PPS Resin
Rear Insert
PPS Resin
Contact
Copper Alloy / Silver Plating
Flange Gasket
Synthetic Rubber (Silcone)
Gasket
Synthetic Rubber (Silcone)
MIL-DTL- 5015
Conforming
Standard
CE02-2A series is interchangeable with D/MS series receptacle because the mounting pattern is same.
The insert is a three-piece design. The contact will not be fallen out and subsided when used under the
normal operating condition.
The insert which is made with synthetic rubber can be used at a temperature up to 125℃ .
When CE02-2A is mating with plug connector of CE02-6A, D/MS(D190) or CE05 series, it will
conform to IP67
OUTLINE
FEATURES
SPECIFICATIONS
MATERIAL / FINISH
IP67
Wa t e r p r o o f
Contact Size
# 16
# 12
# 8
Rated Current
13A / Contact
23A / Contact
46A / Contact
Rated Voltage
250V AC(r.m.s.)
350V AC(r.m.s.)
350V DC
500V DC
Dielectric Withstanding Voltage 1000V AC(r.m.s.) at 1 minute.
1500V AC(r.m.s.) at 1 minute.
Insulation Resistance
1,000M Ω min. at 500V DC
Waterproof Rating
IP67
Operating Temperature
− 40℃ to + 125℃


Similar Part No. - CE02-2A20-29P-D

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE02-2A20-29P-D DDK-CE02-2A20-29P-D Datasheet
192Kb / 3P
   Waterproof Circular Connectors
More results

Similar Description - CE02-2A20-29P-D

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE02-2A DDK-CE02-2A Datasheet
192Kb / 3P
   Waterproof Circular Connectors
logo
Hirose Electric
JR-W HIROSE-JR-W Datasheet
823Kb / 13P
   Waterproof Circular Connectors
RM-W HIROSE-RM-W Datasheet
627Kb / 16P
   General-purpose Multi-Contact Circular Waterproof Connectors
logo
DDK Ltd.
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
logo
Assmann Electronics Inc...
A-CR-04PMMP-LC-WP ASSMANN-A-CR-04PMMP-LC-WP Datasheet
48Kb / 1P
   Waterproof Circular connector
logo
DDK Ltd.
CE05-2A10SL-3PC-D DDK-CE05-2A10SL-3PC-D Datasheet
1Mb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
WEBSP1303MXG-1-D DDK-WEBSP1303MXG-1-D Datasheet
301Kb / 8P
   Waterproof Circular Connectors for Solder Terminations Meeting IP67
CE05 DDK-CE05 Datasheet
441Kb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
logo
ITT Industries
CA3106B18-8PX ITT-CA3106B18-8PX Datasheet
1Mb / 5P
   Circular Connectors
logo
Japan Aviation Electron...
JK06 JAE-JK06 Datasheet
781Kb / 10P
   VG95234 Qualified Circular Waterproof Connector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com