Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CE02-6A22-22DS-D Datasheet(PDF) 3 Page - DDK Ltd.

Part # CE02-6A22-22DS-D
Description  Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CE02-6A22-22DS-D Datasheet(HTML) 3 Page - DDK Ltd.

  CE02-6A22-22DS-D Datasheet HTML 1Page - DDK Ltd. CE02-6A22-22DS-D Datasheet HTML 2Page - DDK Ltd. CE02-6A22-22DS-D Datasheet HTML 3Page - DDK Ltd. CE02-6A22-22DS-D Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Unit:mm
http://www.ddknet.co.jp
CE02-6A Series
◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
○ Plug Connector
3
Part Number
A
B
C
D
E
G
H max.
J
CE02-6A10SL-3CS-D
5/8-24UNEF-2B
22.2
23.3
9/16-24UNEF-2A
7.5
12.5
7.0
13.2
CE02-6A18-10DS-D
1 1/8-18UNEF-2B
34.1
33.7
1-20UNEF-2A
11.7
23.5
7.5
19.0
CE02-6A18-12DS-D
7.0
CE02-6A20-15DS-D
1 1/4-18UNEF-2B
37.3
34.1
1 1/8-18UNEF-2A
12.2
26.8
7.5
19.0
CE02-6A20-29NS-D
7.0
CE02-6A22-14NS-D
1 3/8-18UNEF-2B
40.5
34.1
1 1/4-18UNEF-2A
12.2
29.9
7.0
19.0
CE02-6A22-22DS-D
10.0
CE02-6A22-23DS-D
7.5
CE02-6A24-10DS-D
1 1/2-18UNEF-2B
43.6
36.6
1 3/8-18UNEF-2A
13.4
32.8
8.5
19.4
CE02-6A24-10GS-D
8.5
CE02-6A18-12DSW-D
② ③
④ ⑤ ⑥ ⑦
① Shell Style
6A : Straight Plug
② Shell Size
10SL, 18, 20, 22 and 24
③ Insert Arrangement
Refer to page 2.
④ Ground Contact
Refer to page 2.
⑤ Contact Style
S : Socket Contact
⑥ Alternate Insert Key
Positions
Omit : Standard Position
W,X,Y,Z : Altenate Position
⑦ Finish
D:Trivalent Chromium Treatment(Black)
図番
改版
常備
第3角法
親図番
A3
F
1
2
3
4
5
K−511761(1/2)
(直形プラグ)
D/MS3106A22−××××(D190)
E
C
Gasket
A Thread
D Thread
H max.
J
7.85 min.
W Thread
V Thread
φB 0.5
L 1
φD 0.5
CL
CL
O Ring
(D)
C
1.5
0.7
(ブッシング外径)
φE
Vネジ
D
(Gripping Surfaces for Wrench)
(Complete Thread Length)
Shell Size
Part Number
L
A
B
C
D
V
W
10SL
CE02-10SLBS-S-D
20.0
18.6
6.5
6.6
17.9
9/16-24UNEF-2B
5/8-24UNEF-2A
18
CE02-18BS-S-D
31.0
30.5
10.5
16.3
26.7
1-20UNEF-2B
1-20UNEF-2A
20
CE02-20BS-S-D
35.0
35.0
10.9
17.8
31.6
1 1/8-18UNEF-2B
1 3/16-18UNEF-2A
22
CE02-22BS-S-D
35.0
36.5
10.9
17.8
32.4
1 1/4-18UNEF-2B
1 3/16-18UNEF-2A
24
CE02-24BS-S-D
40.5
40.0
12.2
21.0
36.6
1 3/8-18UNEF-2B
1 7/16-18UNEF-2A
CE02-18BS-S-D
① ② ③ ④ ⑤
① Shell Size
10SL, 18, 20, 22 and 24
② Model
B:Backshell
③ Style
S : Straight
④ Waterproof
S : Waterproof
⑤ Finish
D:Trivalent Chromium Treatment(Black)
Waterproof straight backshell is used to retain the cable when a conduit is not used.
○ Waterproof Straight Backshell
図番
改版
常備
第3角法
親図番
A3
F
1
2
3
4
5
K−511761(1/2)
(直形プラグ)
D/MS3106A22−××××(D190)
E
C
Gasket
A Thread
D Thread
H max.
J
7.85 min.
W Thread
V Thread
φB 0.5
L 1
φD 0.5
CL
CL
O Ring
(D)
C
1.5
0.7
(ブッシング外径)
φE
Vネジ
D
(Gripping Surfaces for Wrench)
(Complete Thread Length)


Similar Part No. - CE02-6A22-22DS-D

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE02-6A22-22DS-D DDK-CE02-6A22-22DS-D Datasheet
209Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
More results

Similar Description - CE02-6A22-22DS-D

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE02-6A10SLSW-D DDK-CE02-6A10SLSW-D Datasheet
752Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A DDK-CE02-6A Datasheet
209Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
DMS3100A10SL-10PW DDK-DMS3100A10SL-10PW Datasheet
2Mb / 18P
   MIL-DTL-5015 Style Circular Connectors
logo
Hirose Electric
JR HIROSE-JR_18 Datasheet
555Kb / 8P
   Circular Connectors Conforming to JIS C 5432
logo
Amphenol Corporation
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R28-21PY AMPHENOL-MS3102R28-21PY Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3106F2222S AMPHENOL-MS3106F2222S Datasheet
1Mb / 53P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com