Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CE02-6A24-10GS-D Datasheet(PDF) 1 Page - DDK Ltd.

Part # CE02-6A24-10GS-D
Description  Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CE02-6A24-10GS-D Datasheet(HTML) 1 Page - DDK Ltd.

  CE02-6A24-10GS-D Datasheet HTML 1Page - DDK Ltd. CE02-6A24-10GS-D Datasheet HTML 2Page - DDK Ltd. CE02-6A24-10GS-D Datasheet HTML 3Page - DDK Ltd. CE02-6A24-10GS-D Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
CE02-6A series is a waterproof plug connector conforming to JIS-B-6015,
a Japanese standard for electrical equipment for industrial tool machines,
which has a ground contact to protect a circuit. This plug conforms to MIL-
DTL-5015, a US military standard, as well then it is intemateable with D/MS
series connectors available from our product lines. CE02-6A plug is suitable
for the factory automation equipment, the tool machines and the electrical
equipment in industry using under the rugged circumstances of moisture, oil
and dust.
CE02-6A Series
Waterproof Circular Connectors
Conforming to JIS-B-6015 and MIL-DTL-5015
RoHS
Compliant
RoHS
Compliant
Item
Material / Finish
Contact
Copper Alloy / Silver Plating
Insert
Diallyl Phthalate Resin (Blue)
Shell
Aluminum Alloy, Zinc Plating / Trivalent Chromium Treatment (Black)
Coupling Ring
Aluminum Alloy, Zinc Plating / Trivalent Chromium Treatment (Black)
Retaining Ring
Copper Alloy / Nickel Plating
Earth Rag
Copper Alloy / Silver Plating
Gasket
Synthetic Rubber
Service Rating
INST
A
D
Contact Size
# 16
# 12
# 8
Rated Current
13A / Contact
23A / Contact
46A / Contact
Rated Voltage
200V AC(r.m.s.)
500V AC(r.m.s.)
900V AC(r.m.s.)
250V DC
700V DC
1,250V DC
Dielectric Withstanding Voltage
1000V AC(r.m.s.) at 1 minute.
2000V AC(r.m.s.) at 1 minute.
2800V AC(r.m.s.) at 1 minute.
Insulation Resistance
5000M Ω min. at 500V DC
Waterproof Rating
IP67
Operating Temperature
- 40℃ to + 125℃
140205
Wa t e r p r o o f
IP 67
Conforming
Standard
JIS B 6015
Lock Type
Threaded
Coupling
1. First Make-Last Break Contact
CE02-6A plug has a piece of premating ground contact having conductivity with the shell to protect a circuit.
This contact will be connected with the mating half contact first before the other contacts and will unmate last on
unmating the connectors.
2. MIL-DTL-5015
The connectors are intermateable with MIL-DTL-5015 style connectors commonly used on the existing factory
automation and other electrical equipment.
3. Class IP67 Protection
This plug is designed to offer protection against moisture and oil. A gasket located between the coupling ring and
the receptacle shell seals the connection. The waterproof backshells and cable clamps are available to complete the
sealed connection. Mating with CE02-2A, D/MS3102A and CE05-2A receptacles will meet class IP67 protection.
MIL-DTL-5015
Contact
Applicable Cable Size
Size
Bore of Solder Cup
Size
Nominal Sectional Area
Maximum Outer Diameter
# 16
1.76mm
# 22 ~# 16
1.25mm2
1.6mm
# 12
2.85mm
# 14 ~# 12
3.50mm2
2.5mm
#8
5.21mm
# 10 ~# 8
8.00mm2
4.5mm
◆ OUTLINE
◆ FEATURE
◆ SPECIFICATIONS
◆ MATERIAL / FINISH
◆ APPLICABLE CABLE SIZE


Similar Part No. - CE02-6A24-10GS-D

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE02-6A24-10GS-D DDK-CE02-6A24-10GS-D Datasheet
209Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
More results

Similar Description - CE02-6A24-10GS-D

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE02-6A10SLSW-D DDK-CE02-6A10SLSW-D Datasheet
752Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A DDK-CE02-6A Datasheet
209Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
DMS3100A10SL-10PW DDK-DMS3100A10SL-10PW Datasheet
2Mb / 18P
   MIL-DTL-5015 Style Circular Connectors
logo
Hirose Electric
JR HIROSE-JR_18 Datasheet
555Kb / 8P
   Circular Connectors Conforming to JIS C 5432
logo
Amphenol Corporation
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R28-21PY AMPHENOL-MS3102R28-21PY Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3106F2222S AMPHENOL-MS3106F2222S Datasheet
1Mb / 53P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com