Electronic Components Datasheet Search |
|
T496C227K004CC621A Datasheet(PDF) 7 Page - Kemet Corporation |
|
T496C227K004CC621A Datasheet(HTML) 7 Page - Kemet Corporation |
7 / 61 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com TC111_SPACE • 4/14/2014 7 © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com T2025_T493_SPACE • 4/14/2014 33 Tantalum Surface Mount Capacitors High Reliability COTS (CWR11 Style) – T493 Series COTS Space Grade Qualification Test Condition Characteristics Endurance 85°C @ rated voltage, 2,000 hours 125°C @ 2/3 rated voltage, 2,000 hours Δ C/C Within ±10% of initial value DF Within initial limits DCL Within 1.25 x initial limit ESR Within initial limits Storage Life 125°C @ 0 volts, 2,000 hours Δ C/C Within ±10% of initial value DF Within initial limits DCL Within 1.25 x initial limit ESR Within initial limits Thermal Shock MIL–STD–202, Method 107, Condition B, mounted, -55C° to 125°C, 1,000 cycles Δ C/C Within ±5% of initial value DF Within initial limits DCL Within 1.25 x initial limit ESR Within initial limits Temperature Stability Extreme temperature exposure at a succession of continuous steps at +25ºC, -55ºC, +25ºC, +85ºC, +125ºC, +25ºC +25°C -55°C +85°C +125°C Δ C/C IL* ±10% ±10% ±20% DF IL IL 1.5 x IL 1.5 x IL DCL IL n/a 10 x IL 12 x IL Surge Voltage 25°C and 85°C, 1.32 x rated voltage 1,000 cycles. (125°C, 1.2 x rated voltage) Δ C/C Within ±5% of initial value DF Within initial limits DCL Within initial limits ESR Within initial limits Mechanical Shock/Vibration MIL–STD–202, Method 213, Condition I, 100 G peak. MIL–STD–202, Method 204, Condition D, 10 Hz to 2,000 Hz, 20 G peak Δ C/C Within ±10% of initial value DF Within initial limits DCL Within initial limits *IL = Initial Limit Certification MIL-PRF-55365/8 DSCC Drawing 07016 |
Similar Part No. - T496C227K004CC621A |
|
Similar Description - T496C227K004CC621A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |